Electronic Components Datasheet Search
  English  ▼

X  

76080 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # 76080
Description  Extended Duty Pressure Switch With Direct Action Blade Contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

76080 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  76080 Datasheet HTML 1Page - Honeywell Solid State Electronics Center 76080 Datasheet HTML 2Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.47” REF.
The 5000 Series switch is specifically
designed to stand up to extended duty
applications. This switch is factory set
but capable of field adjustment. It
features a Kapton diaphragm for
compatibility with a wide variety of
fluids, and various terminations
including a Metri-Pack connector that
forms a tight seal when connected.
Among the outstanding design benefits
are its durable construction, compact
size, and enhanced set point integrity.
2.3” REF.
1.47” REF.
5000 Series Switch
with Screw Terminals
5000 Series Switch
with Metri-Pack Terminal
Set Points from 0.5 to 150 psi
5000 Series Extended Duty Pressure Switch With Direct Action Blade Contacts
Switch Boot P/N 79380
for Vacuum and Pressure
NOTE: OPERATING MEDIA (PRESSURE SWITCH)
The pressure switch is designed to operate with air,
motor oils, transmission oils, jet fuels and other similar
hydrocarbon media.
4
Standard Specifications
Type:
Direct action
blade contact
Contacts:
Silver alloy,
gold plated
Set Point:
Factory set
from 0.5 to 150 PSI
Operating Pressure:
150 PSI for 0.5-24 PSI set point range,
250 PSI for 25-150 PSI set point range
Proof Pressure: 500 PSI
Burst Pressure: 750 PSI for 0.5-24 PSI
set point range
1250 PSI for 25-150 PSI
set point range.
Ratings:
Resistive:
15 AMP-
6 VDC
8 AMP-
12 VDC
4 AMP-
24 VDC
Inductive:
1 AMP- 120 VAC
0.5 AMP- 240 VAC
Diaphragm: Polyimide film
Temperature
Range:
-40° F to + 250° F
Connector: 1/8 -27 NPT male thread
Terminals:
#8-32 screws,
1/4” blade,
280 Series Metri-Pack
Circuitry:
SPST-N.O., N.C.,
1 circuit adjustable dual
circuit, or 2 circuits
adjustable dual circuit.
Also available are
N.O./N.O. dual circuit
and N.C./N.C. dual circuit.
Base:
Plated Steel
Cover:
Glass reinforced polyester
Options:
Brass, plastic or stainless
steel base; various base
connector thread sizes;
wire leads (potted & sealed).
2.9” REF.


Similar Part No. - 76080

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
76080 HONEYWELL-ACC-76080 Datasheet
127Kb / 2P
Set Points from 0.5 to 150 psi
logo
Honeywell Solid State E...
76080 HONEYWELL-76080 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
76080 HONEYWELL-76080 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Wurth Elektronik GmbH &...
760800080 WURTH-760800080 Datasheet
506Kb / 5P
WE-PFC PFC Choke
760800101 WURTH-760800101 Datasheet
616Kb / 8P
WE-TORPFC Toroidal PFC Choke
001.001
More results

Similar Description - 76080

ManufacturerPart #DatasheetDescription
logo
Altech corporation
KU325N ALTECH-KU325N Datasheet
2Mb / 14P
Extended/Direct Handle Motor Disconnect Switch
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
logo
Honeywell Solid State E...
77052 HONEYWELL-77052 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
79707 HONEYWELL-79707 Datasheet
127Kb / 2P
Extended Duty Pressure Switch With Direct Action Blade Contacts
logo
Omron Electronics LLC
D4B-1111N OMRON-D4B-1111N Datasheet
2Mb / 16P
Snap-action contact with certified direct opening operation certification
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
logo
Altech corporation
KU440N ALTECH-KU440N Datasheet
1Mb / 12P
Extended/Direct Handle Motor Disconnect Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com