Electronic Components Datasheet Search
  English  ▼

X  

TX53 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TX53
Description  Two High Speed USB 2.0 ports, Two Camera Interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX53 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TX53 Datasheet HTML 1Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 2Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX53 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TX53
Board highlights:
•
Highly integrated
•
Industrial temperature range (i.MX537 only)
•
Standard TX-DIMM pinout
•
as small as possible - only 31mm
•
3.3V I/O
The TX53 is a member of a module series, specially designed for Freescales
i.MX multimedia processors. TX modules are complete computers,
implemented on a board smaller than a credit card, and ready to be designed
into your embedded system. TX modules includes a Freescale® i.MX
processor, SDRAM and Flash memory. The integrated LCD-controller enables
direct connection of an LCD screen. The TX53 is specifically targeted at
embedded applications where size, high cpu-performance and cost are critical
factors.
Computer on module
•
Freescale® i.MX535, 1.2 GHz / i.MX537, 800 MHz
•
512 MByte/1GByte SDRAM (32bit) (up to 2GB on request)
•
DDR3-800
•
128 MByte NAND Flash memory
•
DIMM200-module (67,6mm x 31 mm x 3,6mm)
•
Industrial i.MX537 / Commercial i.MX535
•
Operating temperature range -20..70°C / -40°C..85°C
Processor
The i.MX53 family of processors represents Freescale's next generation of
advanced multimedia and power-efficient implementation of the ARM
Cortex™-A8 core. The i.MX53, prepares your end device for tomorrow’s smart
mobile technology today. The i.MX53 enables hours of full HD 1080p video
playback and an amazing Adobe® Flash® 10.1 experience. With core
processing speeds up to 1 GHz as well as a high level of integration, the
i.MX53 enables a great user experience at a lower retail
price point.
High Performance CPU : ARM Cortex-A8 up to 1GHz
•
OpenGL® ES 2.0 and OpenVG™ 1.1 hardware
accelerators
•
Multi-format HD1080p video decoder and
HD720p video encoder hardware engine
•
Dual display capable with multiple display options
including TFT LCD, LVDS, analog TV-formats
(composite, component, RGB) and standard VGA
•
Hardware accelerated image post-processing,
display quality enhancement, and video and
graphics combining
•
Two simultaneous camera inputs with hardware
pre-processing
•
Dual USB 2.0 Controllers (HS OTG, HS Host) with
integrated PHY
•
Two additional High-Speed USB 2.0 controllers
•
10/100 Ethernet controller with IEEE1588 time-
stamping
•
Wide array of serial interfaces including SDIO,
SPI, I2C, UART
•
Security solution supporting High Assurance
Boot, Cipher and random number generator
accelerators, and Tamper Detection
Standard TX-DIMM pinout:
•
4-wire UARTs (x3)
•
LCD
•
I2C / PWM
•
Serial Audio Interfaces (x2)
•
4-wire SD-Card/SDIO
High-Speed communication interfaces incl. onboard Ethernet PHY / on-chip
USB PHY allows direct use of connectors/magnetics on the baseboard without
the need for additional logic:
•
10/100 Mbps Ethernet
•
480 Mbps USB OTG (Host or Device)
•
480 Mbps USB Host
Additional interfaces like CAN, 2 UARTs and external memory interface are
available on TX53 specific pins. Some interfaces are multiplexed with other
functions.
Power Supply
The TX53 accepts an input voltage from various sources:
•
1-cell Li-Ion/Polymer (3.1V to 4.2V)
•
5.0V USB supply or AC wall adapter
•
3.3V
Read more in our TX-Guide:
www.karo-electronics.com/TX-Guide
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de
CPU
SDRAM
Flash
TX53/1200/1024S/128F/LVDS
1.2GHz i.MX535
1024MB
128MB
-20°C..70°C
TX53/800/512S/128F/I
800MHz i.MX537
512MB
128MB
-40°C..85°C
TX53/800/512S/128F/LVDS/I
800MHz i.MX537
512MB
128MB
-40°C..85°C
Ordering Information
Order Number
Temp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com