Electronic Components Datasheet Search
  English  ▼

X  

TX53128F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TX53128F
Description  Two High Speed USB 2.0 ports, Two Camera Interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX53128F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TX53128F Datasheet HTML 5Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 6Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 7Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 8Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 9Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 10Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 11Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 12Page - List of Unclassifed Manufacturers TX53128F Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TX53
PIN
Type
Function
i.MX53 Pad Name
Alternate functions
GPIO
Description (refer to i.MX53 manuals for details)
91
3V3
SSI2_TXD
CSI0_DAT5
CSI0_D[5]
KPP_ROW[5]
ECSPI1_MOSI
USBOH3_USBH3_NXT
AUD3_TXD
GPIO5[23] Serial Audio Interface serial data line 0
92
3V3
SSI2_CLK
CSI0_DAT4
CSI0_D[4]
KPP_COL[5]
ECSPI1_SCLK
USBOH3_USBH3_STP
AUD3_TXC
GPIO5[22] Serial Audio Interface serial bit clock
93
3V3
SSI2_FS
CSI0_DAT6
CSI0_D[6]
KPP_COL[6]
ECSPI1_MISO
USBOH3_USBH3_CLK
AUD3_TXFS
GPIO5[24] Serial Audio Interface left/right clock
94
GND
GND
Secure Digital Interface 2
95
3V3
SD2_CD
EIM_D25
WEIM_D[25]
UART3_RXD
ECSPI1_SS3
CSPI_SS3
AUD5_RXC
ECSPI2_SS3
UART1_DSR
GPIO3[25]
SD Card Detect – connected to a GPIO
96
3V3
SD2_D[0]
SD2_DATA0
ESDHC2_DAT0
KPP_ROW[7]
AUD4_RXD
CSPI_MISO
RTIC_RTIC_DONE_INT
GPIO1[15]
SD Data bidirectional signals—If the system designer does not
want to make use of the internal pull-up, via the Pull-up enable
register, a 50 K–69 K external pull up resistor must be added.
97
3V3
SD2_D[1]
SD2_DATA1
ESDHC2_DAT1
KPP_COL[7]
AUD4_TXFS
CSPI_SS0
RTIC_RTIC_SEC_VIO
GPIO1[14]
98
3V3
SD2_D[2]
SD2_DATA2
ESDHC2_DAT2
KPP_ROW[6]
AUD4_TXD
CSPI_SS1
SJC_FAIL
GPIO1[13]
99
3V3
SD2_D[3]
SD2_DATA3
ESDHC2_DAT3
KPP_COL[6]
AUD4_TXC
CSPI_SS2
SJC_DONE
GPIO1[12]
100
3V3
SD2_CMD
SD2_CMD
ESDHC2_CMD
KPP_ROW[5]
AUD4_RXC
CSPI_MOSI
SCC_RANDOM
GPIO1[11]
SD Command bidirectional signal
101
3V3
SD2_CLK
SD2_CLK
ESDHC2_CLK
KPP_COL[5]
AUD4_RXFS
CSPI_SCLK
SCC_RANDOM_V
GPIO1[10]
SD Output Clock.
102
GND
GND
CMOS Sensor Interface
103
3V3
CSI0_DAT12
CSI0_DAT12
CSI0_D[12]
UART4_TXD
USBOH3_USBH3_DATA[0]
GPIO5[30]
104
3V3
CSI0_DAT13
CSI0_DAT13
CSI0_D[13]
UART4_RXD
USBOH3_USBH3_DATA[1]
GPIO5[31]
105
3V3
CSI0_DAT14
CSI0_DAT14
CSI0_D[14]
UART5_TXD
USBOH3_USBH3_DATA[2]
GPIO6[0]
106
3V3
CSI0_DAT15
CSI0_DAT15
CSI0_D[15]
UART5_RXD
USBOH3_USBH3_DATA[3]
GPIO6[1]
107
3V3
CSI0_DAT16
CSI0_DAT16
CSI0_D[16]
UART4_RTS
USBOH3_USBH3_DATA[4]
GPIO6[2]
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com