Electronic Components Datasheet Search
  English  ▼

X  

5316560-6 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 5316560-6
Description  Stacking Height Guide for Parallel Board-to-Board Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5316560-6 Datasheet(HTML) 2 Page - Tyco Electronics

  5316560-6 Datasheet HTML 1Page - Tyco Electronics 5316560-6 Datasheet HTML 2Page - Tyco Electronics 5316560-6 Datasheet HTML 3Page - Tyco Electronics 5316560-6 Datasheet HTML 4Page - Tyco Electronics 5316560-6 Datasheet HTML 5Page - Tyco Electronics 5316560-6 Datasheet HTML 6Page - Tyco Electronics 5316560-6 Datasheet HTML 7Page - Tyco Electronics 5316560-6 Datasheet HTML 8Page - Tyco Electronics 5316560-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
27
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
0.6mm Free Height (FH) and GIGA Connectors
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
Product Facts
■
0.6 [.024] pitch SMT
connectors for parallel
board stacking
■
Connector sizes ranging
from 50 to 280 positions
■
Solder pegs included for
anti-peeling
■
Available packaged on
“tape-and-reel” for
automatic placement per
EIA standards
■
Surface areas provided to
accommodate vacuum
nozzles
■
Enhanced electrical
performance grounded
version (GIGA) available for
high speed signals
■
Recognized under the
Component Program of
Underwriter
Laboratories Inc.,
File No. E28476
R
Tyco Electronics 0.6mm
Free Height (FH) and GIGA
connectors are designed for
use in the parallel stacking
of printed circuit boards.
These 0.6 [.024] fine pitch
connectors provide the
capability of varying the
spacing between parallel
boards, depending upon
the components to be pack-
aged or equipment designs.
They are best suited for
applications where miniatur-
ization is essential, such as
notebook PCs, sub-notebook
PCs, pen pads, cellular
phones and communication
equipment.
This connector family con-
sists of vertical board-
mount receptacles and
plug assemblies. By using
various combinations of
plug and receptacle
heights, it is possible to
alter the spacing of parallel
boards between 4 [.157]
and 16 [.630].
The enhanced electrical
performance version
(GIGA) includes recepta-
cles loaded with contacts
for grounding circuits at
every 9 or 10 signal cir-
cuits. These ground con-
tacts mate with grounding
plates on both sides of the
plug assemblies.
0.6mm FH and GIGA con-
nectors are packaged in
trays or on “tape-and-reel”
for high volume production.
Each connector half features
surface areas to accommo-
date “pick-and-place”
vacuum nozzles without
secondary covers. Some
connector sizes are avail-
able packaged in a unique
“bridge” to facilitate the
aligning of dual connectors
on PC boards during place-
ment and SMT processing.
Performance Characteristics
Voltage Rating — 50 VAC
Current Rating — 0.5 ampere
Overall Resistance —
less than 30 milliohms
Dielectric Withstanding Voltage —
0.2 kVAC
Operating Temperature —
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com