Electronic Components Datasheet Search
  English  ▼

X  

1461491-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1461491-1
Description  Qualification Test Report
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1461491-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1461491-1 Datasheet HTML 1Page - Tyco Electronics 1461491-1 Datasheet HTML 2Page - Tyco Electronics 1461491-1 Datasheet HTML 3Page - Tyco Electronics 1461491-1 Datasheet HTML 4Page - Tyco Electronics 1461491-1 Datasheet HTML 5Page - Tyco Electronics 1461491-1 Datasheet HTML 6Page - Tyco Electronics 1461491-1 Datasheet HTML 7Page - Tyco Electronics 1461491-1 Datasheet HTML 8Page - Tyco Electronics 1461491-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Qualification Test Report
501-79817
Rev. A1
2 of 40
本報告書は、リレーの電気的、機械的及び環境的性能必要条件について行なった試験内容を
記述しています。
This report covers the electrical, mechanical and environmental performance requirements of the Relay.
本報告書の一般特性分布は、PCN-112D3M の特性分布内容を記述しています。
A general characteristic of this report describes the content of PCN-112D3M.
1.3
結論
Conclusion
当リレーは、該当の製品規格 108-79817 Rev. A の性能必要条件に合致しています。
This relay meets the electrical, mechanical and environmental performance requirements of Product Specification,
108-79817, Rev. A.
1.4
試 料
Test Samples
試料は現行の生産システムから無作為抽出法により取り出されました。
Samples were taken randomly from current production. The following samples were used:
1.5
指示無き場合は標準状態で試験が行われました。
An examination was done under the standard condition in the case without directions.
1.6
標準状態
STANDARDS TEST CONDITION
温度
20±5℃
TEMPERATURE
湿度
60±10%
HUMIDITY
測定条件
端子を下とする方向を標準とする。
DIRECTON OF MEASUREMENT
Terminals down position is standard position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com