Electronic Components Datasheet Search
  English  ▼

X  

175195-2 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 175195-2
Description  T E CON N E C T I V I T Y AT YOU R S E R V I C E
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175195-2 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 175195-2 Datasheet HTML 34Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 35Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175195-2 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 236 page
background image
Verbindlich für Toleranzen der Abmessungen und technische Werte sind ausschließlich die neuesten TE Connectivity Kundenzeichnungen bzw. Produkt-Spezifikationen, die Sie auf Anfrage erhalten.
All specifications subject to change. Consult TE Connectivity for latest design specifications.
HTS Industrie Steckverbinder
HTS Heavy Duty Connectors
36
Bezeichnung
Description
1-1579007-8
1481004-7
1579000-7
Extraction tool
Handtool 734285-11,5 mm2
734285-22,5 mm2
734285-34,0 mm2
Safety Press SSC-2FP
Ergo Die Adapter
Bestell-Nr.
Order No.
Querschnitt mm2
Cross section mm2
Bestelltext
Designation
Werkzeuge für Crimptechnik HGQ10 Serie/Crimping tools HGQ10 series
Halb-/Vollautomat auf Anfrage
Bench and Automatic tooling on request
Ausdrückwerkzeug /Extraction tool
Crimpzange mit Locator
Crimping tool with locator
Bezeichnung
Description
962966-1
962967-1
962968-1
962969-1
929962-1
929963-1
929964-1
929965-1
962976-1
962977-1
962978-1
962979-1
929969-1
929970-1
929971-1
929972-1
0,2 – 0,4
0,5 – 1,0
1,0 – 2,5
2,5 – 4,0
0,2 – 0,4
0,5 – 1,0
1,0 – 2,5
2,5 – 4,0
0,2 – 0,4
0,5 – 1,0
1,0 – 2,5
2,5 – 4,0
0,2 – 0,4
0,5 – 1,0
1,0 – 2,5
2,5 – 4,0
Stiftkontakt verzinnt
Pin contact tin plated
Bandkontakt/Stift verzinnt
Reel contact/pin tin plated
Buchsenkontakt verzinnt
Socket contact tin plated
Bandkontakt/Buchse verzinnt
Reel contact/socket tin plated
Bestell-Nr.
Order No.
Maße mm2
Dimensions mm2
Bestelltext
Designation
Crimpkontakte HGQ10 Serie/Crimp contacts HGQ10 series
20A
Werkstoff: Kupferlegierung
Material: Copper alloy
Oberfläche:
Finish:
- verzinnt
- tin plated
Durchgangswiderstand:
≤3mΩ Contactresistance:≤3mΩ
Crimpanschluss:
Crimp terminal :
- mm
2
0,2 - 4,0 mm
2
- mm
2 0,2 - 4,0 mm2
- AWG
24 - 12
- AWG 24 - 12
29,8
20,7
9,5
Buchsenkontakt/Socket contact
29,8
20,7
9,5
Stiftkontakt/Pin contact
Werkzeug
Tool
734285-1
734285-1
734285-2
734285-3
734285-1
734285-1
734285-2
734285-3
734285-1
734285-1
734285-2
734285-3
734285-1
734285-1
734285-2
734285-3
Andere Oberflächen und Werkstoffe auf Anfrage
Other finishes and Materials on request
Product Spec.: 108-18027
Appl. Spec.: 114-18018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com