Electronic Components Datasheet Search
  English  ▼

X  

CBC910 Datasheet(PDF) 4 Page - Cymbet Corporation

Part # CBC910
Description  Charge Pump and Battery Management ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910 Datasheet(HTML) 4 Page - Cymbet Corporation

  CBC910 Datasheet HTML 1Page - Cymbet Corporation CBC910 Datasheet HTML 2Page - Cymbet Corporation CBC910 Datasheet HTML 3Page - Cymbet Corporation CBC910 Datasheet HTML 4Page - Cymbet Corporation CBC910 Datasheet HTML 5Page - Cymbet Corporation CBC910 Datasheet HTML 6Page - Cymbet Corporation CBC910 Datasheet HTML 7Page - Cymbet Corporation CBC910 Datasheet HTML 8Page - Cymbet Corporation CBC910 Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 4 of 14
Preliminary
Absolute Maximum Ratings
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
Output Voltage VOUT
VDD > VTH
-
VDD
-
V
Operating Temperature
-
-40
25
85
°C
Storage Temperature
-
-40
-
+125 (2)
°C
Note:Allspecificationscontainedwithinthisdocumentaresubjecttochangewithoutnotice.
PARAMETER
CONDITION
MIN
TYPICAL
MAX
UNITS
VDD with respect to GND
25°C
GND - 0.3
-
6.0
V
ENABLE and VMODE Input Voltage
25°C
GND - 0.3
-
VDD+0.3
V
VBAT (1)
25°C
3.0
-
4.3
V
VOUT
25°C
GND-0.3
-
6.0
V
RESET Output Voltage
25°C
GND - 0.3
-
VOUT+0.3
V
CP, Flying Capacitor Voltage
25°C
GND - 0.3
-
6.0
V
CN
25°C
GND - 0.3
-
VDD+0.3
V
Operating Characteristics
(1) No external connections to this pin is allowed, except rechargeable batteries requiring a 4.1V charge voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com