Electronic Components Datasheet Search
  English  ▼

X  

CBC910-WAF Datasheet(PDF) 14 Page - Cymbet Corporation

Part # CBC910-WAF
Description  Charge Pump and Battery Management ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC910-WAF Datasheet(HTML) 14 Page - Cymbet Corporation

Back Button CBC910-WAF Datasheet HTML 6Page - Cymbet Corporation CBC910-WAF Datasheet HTML 7Page - Cymbet Corporation CBC910-WAF Datasheet HTML 8Page - Cymbet Corporation CBC910-WAF Datasheet HTML 9Page - Cymbet Corporation CBC910-WAF Datasheet HTML 10Page - Cymbet Corporation CBC910-WAF Datasheet HTML 11Page - Cymbet Corporation CBC910-WAF Datasheet HTML 12Page - Cymbet Corporation CBC910-WAF Datasheet HTML 13Page - Cymbet Corporation CBC910-WAF Datasheet HTML 14Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
CBC910
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-11 Rev 5
Page 14 of 14
Preliminary
CBC910 Die Pad Locations
VDD
VBAT
ENABLE
VMODE
GND
VOUT
RESET/
CP
CN
Trim4
51.35
707.3
Disclaimer of Warranties; As Is
The information provided in this data sheet is provided “As Is” and Cymbet Corporation disclaims all representations or warranties of any
kind, express or implied, relating to this data sheet and the Cymbet battery product described herein, including without limitation, the
implied warranties of merchantability, fitness for a particular purpose, non-infringement, title, or any warranties arising out of course of
dealing, course of performance, or usage of trade. Cymbet battery products are not approved for use in life critical applications. Users shall
confirm suitability of the Cymbet battery product in any products or applications in which the Cymbet battery product is adopted for use and
are solely responsible for all legal, regulatory, and safety-related requirements concerning their products and applications and any use of
the Cymbet battery product described herein in any such product or applications.
Cymbet, the Cymbet Logo, and EnerChip are Cymbet Corporation Trademarks
Ordering Information
EnerChip CC Part Number
Description
Notes
CBC910-BDC-WP
CBC910 Bare Die
Shipped in Waffle Pack
CBC910-BUC-WP
CBC910 Bare Die Solder Bumped
Shipped in Waffle Pack
CBC910-WAF
CBC910 Bare Die
Shipped as Wafer
CBC910-D3C
CBC910 DFN Package
3mm x 3mm 8L DFN Package
Notes:
1) All dimensions measured to the center of the respective bond pad and measured relative to the lower left
corner of metal-2 on the Trim4 pad as shown below. That Trim4 coordinate is the 0,0 reference point for the data
extents of the die. Total die size is 150um larger in x and y as defined by the street width.
2) Die size to center of scribe is 960um (x) by 1360um (y).
3) Drawing not to scale. All dimensions in microns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com