Electronic Components Datasheet Search
  English  ▼

X  

CBC005 Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC005
Description  Rechargeable Energy Storage Device: 5Ah, 3.8V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC005 Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC005 Datasheet HTML 1Page - Cymbet Corporation CBC005 Datasheet HTML 2Page - Cymbet Corporation CBC005 Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EnerChip™ CBC005 Energy Storage Device
©2012 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-30 Rev02
Page 2 of 3
Preliminary
Operating Characteristics
Parameter
Condition
Min
Typical
Max
Units
Discharge Cutoff Voltage
25°C
3.0(1)
-
-
V
Charge Voltage
25°C
4.0(2)
4.1
4.2
V
Self-Discharge (average; 25°C)
Non-recoverable
-
2.5
-
% per year
Recoverable
-
1.5(3)
-
% per year
Operating Temperature
-
-20
-
+70
°C
Storage Temperature
-
-40
-
+125(4)
°C
Cell Resistance (25°C)
Charge cycle 2
-
7
11
K
Ω
Charge cycle 1000
-
31
48
Recharge Cycles
(to 80% of rated
capacity; 4.1V charge
voltage)
25°C
10% depth-of-discharge
5000
-
-
cycles
50% depth-of discharge
1000
-
-
cycles
40°C
10% depth-of-discharge
2500
-
-
cycles
50% depth-of-discharge
500
-
-
cycles
Recharge Time (to 80% of rated capacity;
4.1V charge voltage)
Charge cycle 2
-
11
22
minutes
Charge cycle 1000
-
45
70
Discharge Capacity
400nA discharge; 25°C
5.0
-
-
µAh
(1) Failure to cutoff the discharge voltage at 3.0V will result in cell performance degradation.
(2) Charging at 4.0V will charge the cell to approximately 70% of its rated capacity.
(3) First month recoverable self-discharge is 5% average.
(4) Storage temperature is specified for uncharged EnerChip.
Note: All specifications contained within this document are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com