Electronic Components Datasheet Search
  English  ▼

X  

1410133-1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 1410133-1
Description  High Speed Backplane Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1410133-1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 1410133-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1410133-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
142
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
MULTIGIG RT Connector Products (Continued)
Signal Modules
Tier 1 and Tier 2 recepta-
cles contain eye-of-needle
compliant pin signal con-
tacts; the Tier 1 receptacle
also contains ground con-
tacts. Each housing fea-
tures standoffs for thermal
venting, polarization ribs
(on end modules) and
polarization slots (on the
center module) for proper
stacking of the modules,
and polarization posts to
ensure correct orientation
on the pc board.
Plugs contain eye-of-needle
compliant pin signal
contacts and pc wafers
(blades). The housing
features alignment pins to
ensure correct orientation
on the pc board.
Guide Assemblies
The guide assembly
consists of a guide pin
(used with receptacles)
and a guide module (used
with plugs).
The guide pin features a
collar and mounting post
(having a screw hole or
threads) with or without a
key. The guide pins are
available with various length
mounting posts. The mount-
ing post is used with cus-
tomer supplied hardware to
attach the guide pin to the
pc board. Guide pins must
be chosen according to
thickness of pc board being
used; otherwise, interfer-
ence with proper mating or
damage to system compo-
nents will occur. Guide pins
with keys are available in
various keying positions.
The guide module features
a housing with or without a
key and with a screw hole,
mounting post, and pilot
post. The mounting post
and pilot post are used to
position the guide module
on the pc board, and the
screw hole is used with
customer supplied hard-
ware to attach the module
to the pc board. The 10.80
[.425] and 9.00 [.354] guide
module is available with or
without an ESD contact
located inside the module.
Right Angle Plug
(Daughtercard) Connector
Product Selection Guide
(Continued)
Half
Left End Module
Full
Left End Module
Full
Right End Module
10.8 mm
Guide Module
7.2 mm
Guide Module
Stand Alone
Module
Half
Right End Module
Center Module
Housing
PC Wafers (Blades)
Alignment Pin
ESD Contact
(Inside Module)
(Optional)
Housing
Pilot Post
Screw Hole
Mounting Post
Key
No Key
Contact
Pads
Eye-of-Needle
Compliant Pin
Signal Contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com