Electronic Components Datasheet Search
  English  ▼

X  

323916 Datasheet(PDF) 30 Page - Tyco Electronics

Part # 323916
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323916 Datasheet(HTML) 30 Page - Tyco Electronics

Back Button 323916 Datasheet HTML 22Page - Tyco Electronics 323916 Datasheet HTML 23Page - Tyco Electronics 323916 Datasheet HTML 24Page - Tyco Electronics 323916 Datasheet HTML 25Page - Tyco Electronics 323916 Datasheet HTML 26Page - Tyco Electronics 323916 Datasheet HTML 27Page - Tyco Electronics 323916 Datasheet HTML 28Page - Tyco Electronics 323916 Datasheet HTML 29Page - Tyco Electronics 323916 Datasheet HTML 30Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG FASTON (Continued)
36
Line Splice Connector
for “250” Series
Terminals
Material
Insulation — Vinyl, UL 94V-0
Color — Natural
Splice Body — Brass per ASTM B-36
Plating — Tin per ASTM B-545
except where noted.
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Dimensions
Part Numbers
Wire Size
Plating
W
L
E
Loose Piece
Max.
Min.
Unplated
.391
2.093
.860
321235*
9.93
53.16
21.84
Tin
.391
2.093
.860
321688
9.93
53.16
21.84
22-10
Unplated
.409
2.625
1.151
1-321235-0
10.39
66.68
29.24
Tin
.409
2.625
1.151
1-321235-1
10.39
66.68
29.24
Unplated
.409
2.451
.9702
1-321235-31
10.39
62.26
24.64
*Available in small packaging quantities.
1
Oval expansion at end opposite “w”. (.380 x .320 inside diameter.)
2
E min. on expansion end only.
Line Splice Connector
for “187” Series
Terminals
Material
Housing — Nylon, UL 94V-2
Splice Body — Brass per ASTM B-36
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Type
Housing
Dimensions
Temperature
Part Numbers
Color
W
L
Rating
Loose Piece
Single
Natural
.345
1.750
—
360035-1†
8.76
44.45
Dual
Natural
.650
1.750
105°C
360025-1†
16.51
44.45
Dual
Black
.650
1.750
150°C
360025-2†
16.51
44.45
†
ULFile E66717
600 V Max
Wire Size
Dimensions
Terminal
Wire
Fits
Part Numbers
Series
Circular Mils
W
L
Insulation
Insulation
Recept.
Stock
Tab
Loose
Tape
Strip
[mm2]
Nom.
Max.
Color
Diameter
Matl.
Thk.
Thk.
Piece
Mounted
Form
Max.
.250 Low
22-18
.300
.900
.145
.016
.032
509-1,900
Red
Brass
184262-1
184262-2 184261-1
Insertion
[0.26-0.96]
7.62
22.86
3.68
.406
.813
.250 Low
16-14
.300
.900
.173
.016
.032
2,050-5,180
Blue
Brass
184265-1
184265-2 184264-1
Insertion
[1.04-2.62]
7.62
22.86
4.39
.406
.813
.187 Low
22-18
.230
.800
.145
.016
.032
509-1,900
Red
Brass
184268-1
184268-2 184267-1
Insertion
[0.26-0.96]
5.84
22.86
3.68
.406
.813
.187 Low
16-14
.300
.900
.173
.016
.032
2,050-5,180
Blue
Brass
184235-1
184235-2 184234-1
Insertion
[1.04-2.62]
7.62
22.86
4.39
.406
.813
Receptacle (Low Insertion Force)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com