Electronic Components Datasheet Search
  English  ▼

X  

353294 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 353294
Description  1.5 mm AMP Mini CT Connector Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

353294 Datasheet(HTML) 6 Page - Tyco Electronics

  353294 Datasheet HTML 1Page - Tyco Electronics 353294 Datasheet HTML 2Page - Tyco Electronics 353294 Datasheet HTML 3Page - Tyco Electronics 353294 Datasheet HTML 4Page - Tyco Electronics 353294 Datasheet HTML 5Page - Tyco Electronics 353294 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
FOR MORE INFORMATION
TE Technical Support Center
USA:
+1 (800) 522-6752
Canada:
+1 (905) 475-6222
Mexico
+52 (0) 55-1106-0800
Latin/S. America:
+54 (0) 11-4733-2200
Germany:
+49 (0) 6251-133-1999
UK:
+44 (0) 800-267666
France:
+33 (0) 1-3420-8686
Netherlands:
+31 (0) 73-6246-999
China:
+86 (0) 400-820-6015
Part numbers in this brochure are RoHS Compliant*, unless marked otherwise.
*as defined www.te.com/leadfree
te.com
© 2012 Tyco Electronics Corporation, a TE Connectivity Ltd. company. All Rights Reserved.
6-1773454-5 CIS LUG PDF 1/2012
AMP, AMP-O-LETRIC, AMP 3/K-40, AMP 5/K-40, DECAM, TE Connectivity and the TE connectivity (logo) are
trademarks. Other logos, product and company names mentioned herein may be trademarks of their respective
owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is
error-free, nor does TE make any other representation, warranty or guarantee that the information is accurate, correct, reliable or current.
TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or
fitness for a particular purpose. The dimensions in this brochure are for reference purposes only and are subject to change without notice.
Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
What wire gauge will you be using?
There is more flexibility with AWG when using Crimp (24~28 AWG)
vs. MT (26~28 AWG).
Are the connectors available for IDC?
Yes, we offer an MT version that is preloaded with IDC contacts.
Is your process automated?
MT housings are suitable for automated processes.
What current, voltage and operating temperature is required?
Please see product specification information on the charts on
page 3 of this document.
Which is a more standard header, with or without a locating boss?
The most standard headers tend to have a locating boss as it makes
it easier for the customer to align the connector onto their board.
Frequently asked questions
What special retention mechanisms are available to provide
stability? The TE T/H headers have a staggered tine design to
provide stability.
What are my tooling options?
TE offers comprehensive tooling options including manual pistol-
grips, manual mini-press, pneumatic mini-press, semi-auto DECAM
and an automatic DECAM tool. For more information, please visit
www.tooling.te.com.
What if my application is constrained for space with the 1.5 mm
Mini CT?
TE continues to develop and design interconnects that meet the
needs of miniaturized applications. If your application is contrained
for space, browse our HPI products at
www.te.com/products/hpi
Does TE offer pre-made cable assemblies?
Yes, we do offer single ended Mini CT pigtails in various lengths often
used in lighting applications. Please reference part number 2058943.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com