Electronic Components Datasheet Search
  English  ▼

X  

1410123-1 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # 1410123-1
Description  High Speed Backplane Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1410123-1 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button 1410123-1 Datasheet HTML 18Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 19Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 20Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 21Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 22Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 23Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 24Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 25Page - List of Unclassifed Manufacturers 1410123-1 Datasheet HTML 26Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
158
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
“NEW” MULTIGIG RT Stacking Connector
Note: All part numbers are RoHS
compliant.
Product Facts
I
Variable Stack Height
25mm to 45mm+
I
Interposer Part Numbers
I
1410195-1 (Spaced for
30mm stack height)
I
1410196-1 (Spaced for
30mm stack height)
I
14101XX-1* (Spaced for
any specification needed)
I
Modular Construction
I
0.8 inch (85 single ended
lines/inch; 43 differential
pairs/inch) (Available
today)
I
1.0 inch (113 single
ended lines/inch;
56 differential pairs/inch)
I
Wafer Configurations
I
Differential
I
Open Pin Field
I
Power
I
Electrical performance
based on MULTIGIG RT
Tier 2 product construction
(10 Gig performance)
I
Compliant Pin Technology
(Flat Rock Board Assembly)
I
Qualified Interface
I
MULTIGIG RT Tier 2
product (Product
Specification 108-2072)
I
Qualification Report
501-544
*Typically less than $10,000 NRE
and 6 weeks lead time
MULTIGIG RT Stacking Connectors are customizable to any stack heights needed.*
.8" Pitch — MULTIGIG RT Stacking Connector
Dimensions
Mated
Part Number
AB
Stack Height
21.00
20.00
30.00
1410195-1
.827
.787
1.181
33.00
32.00
42.00
1410196-1
1.299
1.260
1.654
Mating 20.30 [.800] Pitch Receptacles found on page 148.
18.40
[.724]
13.50
[.531]
15 Plcs.
Column 1
Indicator
Column 1
Indicator
1.80
[.071]
A
B
28.68
[1.129]
NEW!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com