Electronic Components Datasheet Search
  English  ▼

X  

320773 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 320773
Description  Standard Terminals and Splices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

320773 Datasheet(HTML) 4 Page - Tyco Electronics

  320773 Datasheet HTML 1Page - Tyco Electronics 320773 Datasheet HTML 2Page - Tyco Electronics 320773 Datasheet HTML 3Page - Tyco Electronics 320773 Datasheet HTML 4Page - Tyco Electronics 320773 Datasheet HTML 5Page - Tyco Electronics 320773 Datasheet HTML 6Page - Tyco Electronics 320773 Datasheet HTML 7Page - Tyco Electronics 320773 Datasheet HTML 8Page - Tyco Electronics 320773 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
PIDG (Pre-Insulated Diamond Grip) (Continued)
10
Wire Size
Tongue
Dimensions
Wire
Part Numbers
Circular Mils
Material
Stud
Terminal
Insulation
[mm2]
Thickness
Size
W
C
E
L
Insulation
Diameter
Loose
Tape
Max.
Min.
Max.
Max.
Color
Max.
Piece
Mounted
Ring Tongue Terminals
(Continued)
.469
.437
.841
1.078
Red
.125
320571*
2-320571-2
11.91
11.10
21.36
27.38
3.18
1/4
.469
.437
.841
1.078
Black
.125
55936-1
55936-2
M6
11.91
11.10
21.36
27.38
3.18
.469
.437
.841
1.078
Red
.140
31894*
2-31894-2
11.91
11.10
21.36
27.38
3.56
.469
.437
.841
1.078
Red
.125
320572*
2-320572-1
11.91
11.10
21.36
27.38
3.18
22-16
5/16
.469
.437
.841
1.078
Red
.140
31895*
2-31895-1
509-3,260
.033
M8
11.91
11.10
21.36
27.38
3.56
0.84
.531
.546
.950
1.218
Red
.125
324123
—
[0.26-1.65]
13.49
13.87
24.13
30.94
3.18
.531
.546
.950
1.218
Red
.125
320573*
2-320573-4
13.49
13.87
24.13
30.94
3.18
3/8
.531
.546
.950
1.218
Red
.140
31897*
2-31897-2
13.49
13.87
24.13
30.94
3.56
.656
.437
.841
1.171
Red
.125
321522
—
16.66
11.10
21.36
29.74
3.18
1/2
.713
.530
.934
1.293
Red
.125
328975*
—
M12
18.11
13.46
23.72
32.84
3.18
20-16HD1
.042
.469
.312
.718
.955
.150
992-2,800
10
Blue
150247
—
[0.50-1.42]
1.07
11.91
7.92
18.24
24.26
3.81
2
.180
.171
.575
.668
Blue
.170
324993
—
M2
4.57
4.34
14.61
16.97
4.32
.250
.171
.575
.703
Blue
.150
324159*
2-324159-2
6.35
4.34
14.61
17.86
3.81
4
.250
.171
.575
.703
Blue
.170
328996*
2-328996-1
6.35
4.34
14.61
17.86
4.32
.250
.281
.685
.813
Blue
.150
323676
—
6.35
7.14
17.40
20.65
3.81
.250
.171
.575
.703
Blue
.150
320561*
2-320561-2
6.35
4.34
14.61
17.86
3.81
.250
.171
.575
.703
Blue
.170
320619*
2-320619-1
6.35
4.34
14.61
17.86
4.32
.250
.281
.685
.813
Blue
.170
50881
50881-2
6.35
7.14
17.40
20.65
4.32
16-14
.033
6
.312
.250
.654
.813
Blue
.170
326882*
2-326882-1
2,050-5,180
0.84
M3.5
7.92
6.35
16.61
20.65
4.32
[1.04-2.62]
.312
.281
.685
.844
Blue
.150
51864*
51864-3
7.92
7.14
17.40
21.44
3.81
.343
.281
.685
.859
Blue
.150
36157*
2-36157-2
8.71
7.14
17.40
21.82
3.81
.343
.281
.685
.859
Blue
.170
36158*
2-36158-1
8.71
7.14
17.40
21.82
4.32
.312
.250
.654
.813
Blue
.170
53941-1*
53941-2
7.92
6.35
16.61
20.65
4.32
.312
.281
.685
.844
Blue
.150
51864-1*
51864-5
8
7.92
7.14
17.40
21.44
3.81
M4
.343
.281
.685
.859
Blue
.150
320560*
2-320560-1
8.71
7.14
17.40
21.82
3.81
.343
.281
.685
.859
Blue
.170
320565*
2-320565-1
8.71
7.14
17.40
21.82
4.32
*Available in small packaging quantities.
1
Heavy duty for extra mechanical strength.
Note: “C” dimension applies from edge of metal wire barrel to center of stud hole.
Material
Insulation — Nylon, UL 94V-2
Terminal Body and Metallic
Sleeve — Copper per ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com