Electronic Components Datasheet Search
  English  ▼

X  

324113 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 324113
Description  Standard Terminals and Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324113 Datasheet(HTML) 1 Page - Tyco Electronics

  324113 Datasheet HTML 1Page - Tyco Electronics 324113 Datasheet HTML 2Page - Tyco Electronics 324113 Datasheet HTML 3Page - Tyco Electronics 324113 Datasheet HTML 4Page - Tyco Electronics 324113 Datasheet HTML 5Page - Tyco Electronics 324113 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
TERMINYL
59
Product Facts
s
Designed to provide insu-
lated terminals and splices
for large wire sizes, many
of which are used in air-
borne and ground support
applications
s
Tested under the proce-
dures stipulated by MIL
Spec. MIL-T-7928, they
meet and exceed require-
ments
s
Designed and engineered
to withstand extreme vibra-
tion, shock and structural
stresses, elevated temper-
atures and other conditions
which could adversely
affect the circuit require-
ments in complex air and
space flight equipment
s
The use of matching AMP
tooling provides for preci-
sion crimping which makes
all terminations identical
s
This uniformity promotes
maximum reliability and,
coupled with tool die marks
on the barrel indicating the
wire size and color coding
of the insulation sleeve,
also serves as a built-in
quality control factor
s
Pre-insulated with color
coded nylon which also acts
as insulation support
s
Wire size range of ter-
minals is 8 AWG through
4/0 AWG
Table of Contents
Terminals
Ring Tongue . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60, 61
Splices
Butt . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Basic Terminal Material. The
basic terminal is constructed of
fine grade high conductivity copper
per ASTM B-152 and tin-plated per
ASTM B-545.
AMP’s special plating process cre -
ates durable corrosion resistance
to salt spray and most chemical
fumes.
Funnel Entry. Molded insulation
for ease of wire insertion and
snug fit over MIL-standard wire
diameters.
Dimples. Dimples afford maximum
contact of barrel and wire and
maximum tensile strength.
Insulation. Nylon insulation for
dielectric strength, color coded to
wire size.
TERMINYL Terminals meet or exceed the requirements of MIL-T-7928, Type II,Class 2.
Refer to AMP Qualified Products for Military Application, Catalog 73-159 for Military Specification Number to
AMP Part Number cross reference.
Temperature Rating: 105°C Max.


Similar Part No. - 324113

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3241130 PHOENIX-3241130 Datasheet
170Kb / 4P
AP-SN - Nut
3241133 PHOENIX-3241133 Datasheet
52Kb / 2P
Nut - WP-CN PA M16
09/12/2020
3241134 PHOENIX-3241134 Datasheet
174Kb / 4P
WP-CN PA M20 - Counter nut
3241135 PHOENIX-3241135 Datasheet
174Kb / 4P
WP-CN PA M25 - Counter nut
3241136 PHOENIX-3241136 Datasheet
174Kb / 4P
WP-CN PA M32 - Counter nut
More results

Similar Description - 324113

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19286-0065 MOLEX-19286-0065 Datasheet
124Kb / 1P
Putt Pump DielessHead Crimper for Insulated and Non-Insulated Terminals and Splices
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
Standard Terminals and Splices
logo
List of Unclassifed Man...
130017 ETC2-130017 Datasheet
35Kb / 1P
AMP Terminals and Splices Application Tooling, Servece Kits
logo
Tyco Electronics
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
COPALUM Sealed Terminals and Splices
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
COPALUM Sealed Terminals and Splices
321684 MACOM-321684 Datasheet
48Kb / 1P
SOLISTRAND, Uninsulated Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
Tool and Die Selection Chart for AMP Terminals and Splices
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
Tool and Die Selection for TE Terminals and Splices
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com