Electronic Components Datasheet Search
  English  ▼

X  

324058 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 324058
Description  Standard Terminals and Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324058 Datasheet(HTML) 6 Page - Tyco Electronics

  324058 Datasheet HTML 1Page - Tyco Electronics 324058 Datasheet HTML 2Page - Tyco Electronics 324058 Datasheet HTML 3Page - Tyco Electronics 324058 Datasheet HTML 4Page - Tyco Electronics 324058 Datasheet HTML 5Page - Tyco Electronics 324058 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
CERTI-SEAL (Continued)
64
Splice
Material
Insulation — Nylon, UL 94V-2
Splice Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545 or
Zinc Plate/Dye Chromate
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — shown below
Splices with nylon wire insulation diameter adapters
Wire Size
L
Body
Ring
Wire
Part
Hand Tool
Circular Mils
Max.
Color
Color
Insulation
Numbers
Part No.
[mm2]
Dia.Max.
24-20
.970
.065
320-1,290
Tin Plated
Green
324987
46073
[0.16-0.65]
24.64
1.65
24-20
.970
.073
320-1,290
Tin Plated
Orange
1-324987-0
46073
[0.16-0.65]
24.64
1.85
22-18
1.156
.101
509-1,900
Red
Green
324988
46074
[0.26-0.96]
29.36
2.57
16-14
1.156
.120
2,050-5,180
Blue
Green
324989
59282
[1.04-2.62]
29.36
3.05
12-10
1.345
.150
5,180-13,100
Yellow
Green
324990
58325-1
[2.62-6.64]
34.16
3.81
Splices without nylon wire insulation diameter adapters
Wire Size
L
Body
Ring
Wire
Part
Hand Tool
Circular Mils
Max.
Color
Color
Insulation
Numbers
Part No.
[mm2]
Dia.Max.
24-20
.970
.100
320-1,290
Tin Plated
Tin Plated
324544
46073
[0.16-0.65]
24.64
2.54
22-18
1.156
.133
509-1900
Red
Tin Plated
324548
46074
[0.26-0.96]
29.36
3.38
16-14
1.156
.157
2,050-5,180
Blue
Tin Plated
324549
59282
[1.04-2.62]
29.36
3.99
12-10
1.345
.218
5,180-13,100
Yellow
Tin Plated
324631
58325-1
[2.62-6.64]
34.16
5.54
1.345
.218
16-14 HD
Tin Plated
Tin Plated
55685-1
58325-1
34.16
5.54
Splices with nylon wire insulation diameter adapter in one end
Wire Size
L
Body
Ring
Wire Insulation Dia.Max.
Part
Hand Tool
Circular Mils
Max.
Color
Color
Adapter End
Other End
Number
Part No.
[mm2]
24-20
.970
.073
.100
320-1,290
Tin Plated
Orange & Tin Plated
1-324987-1
46073
[0.16-0.65]
24.64
1.85
2.54
Tooling
Hand tooling features the AMP CERTI-CRIMPratchet so that the operator fully closes tool so that crimping dies in
tool head fully “bottom”. Locator feature in head assures that splice is properly oriented in tool.
CERTI-SEAL Tools do not require wire insulation adjustment prior to crimping.
Tool Part No. 46073 or 46074
Tool Part No. 59282 or 58325-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com