Electronic Components Datasheet Search
  English  ▼

X  

324083 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 324083
Description  Standard Terminals and Splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

324083 Datasheet(HTML) 4 Page - Tyco Electronics

  324083 Datasheet HTML 1Page - Tyco Electronics 324083 Datasheet HTML 2Page - Tyco Electronics 324083 Datasheet HTML 3Page - Tyco Electronics 324083 Datasheet HTML 4Page - Tyco Electronics 324083 Datasheet HTML 5Page - Tyco Electronics 324083 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Dimensions are shown for reference
Dimensions are in inches and
Specifications subject to change.
Technical Support Center
purposes only.
millimeters unless otherwise
1-800-522-6752
specified. Values in brackets are
www.amp.com
metric equivalents.
Standard Terminals and Splices
Catalog 82042
Revised 8-00
TERMINYL (Continued)
62
Butt Splices
Material
Insulation Sleeve — Nylon, UL 94V-2
Splice Body — Copper per
ASTM B-152
Plating — Tin per ASTM B-545
Related Product Data
Insulation Color Code — pg. 4
Packaging Quantities — pg. 4
Performance Specifications —
pgs. 4 & 5
Application Tooling — pg. 73
Wire Size
Dimension
Splice
Wire Insulation Diameter Max.
Circular Mils
Style
L
Insulation
Part Numbers
[mm2]
Max.
Color
Single End
Multiple End
8 to 12-10
13,100-20,800
Single to Single
Red w/
[6.64-10.5]
Step-Down
2.066
Yellow at
.255
to
Assembly
52.48
adapter end
6.48
—
328569
5,180-13,100
[2.62-6.64]
6 to 8
20,800-33,100
Single to Single
Blue w/
[10.5-16.8]
Step-Down
2.265
Red at
.310
to
Assembly
57.53
adapter end
7.87
—
328571
13,100-20,800
[6.64-10.5]
8
2.066
.255
13,100-20,800
Red
—
324625
[6.64-10.5]
52.48
6.48
6
2.265
.310
20,800-33,100
Blue
—
324660
[10.5-16.8]
57.53
7.87
4
2.804
.370
33,100-52,600
Yellow
—
324622
[16.8-26.7]
71.22
9.40
2
3.094
.445
52,600-83,700
Red
—
324623
[26.7-42.4]
78.59
11.30
8
2.171
.255
.335
13,100-20,800
Red
324658
[6.64-10.5]
55.14
6.48
8.51
6
2.359
.310
.415
20,800-33,100
Blue
324621
[10.5-16.8]
59.92
7.87
10.54
4
2.804
.370
.495
33,100-52,600
Yellow
324662
[16.8-26.7]
71.22
9.40
12.57
8
2.276
.335
13,100-20,800
Red
—
324657
[6.64-10.5]
57.81
8.51
6
2.484
.415
20,800-33,100
Blue
—
324659
[10.5-16.8]
63.09
10.54
2
3.094
.595
52,600-83,700
Red
—
324663
[26.7-42.4]
78.59
15.11
1
Step-Down Assembly includes adapter which is visible through insulation sleeve window.
Single to Single
Standard Splice
Single to Multiple
Standard Splice
Multiple to Multiple
Standard Splice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com