Electronic Components Datasheet Search
  English  ▼

X  

640441 Datasheet(PDF) 57 Page - Tyco Electronics

Part # 640441
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640441 Datasheet(HTML) 57 Page - Tyco Electronics

Back Button 640441 Datasheet HTML 53Page - Tyco Electronics 640441 Datasheet HTML 54Page - Tyco Electronics 640441 Datasheet HTML 55Page - Tyco Electronics 640441 Datasheet HTML 56Page - Tyco Electronics 640441 Datasheet HTML 57Page - Tyco Electronics 640441 Datasheet HTML 58Page - Tyco Electronics 640441 Datasheet HTML 59Page - Tyco Electronics 640441 Datasheet HTML 60Page - Tyco Electronics 640441 Datasheet HTML 61Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
57
Dust Cover
Material (RoHS Compliant)
UL94V-0 rated, polyester, white
Cover is for both Closed End
and Feed-Thru connectors
Cover Ordering Information
The “Base Part Numbers”
Chart at right shows the
base part number and
number of circuits available
for the described cover.
Prefixes and suffixes are
determined by the number
of circuit positions in the
cover. For example, the
complete part number for
a 12-position dust cover
would be:
Base number 641106 plus
prefix-and-suffix
1- — -2
The correct ordering number
is
1-641106-2
.130
[3.3]
.609
[15.47]
.126
[3.2]
.100
[2.54]
Locking Plugs
Material (RoHS Compliant)
UL94V-2 rated, nylon, white
Part Number 641101-1
A
.130
[3.3]
.530
[13.46]
Retention Dimple
No. of
Dim.
Prefix/
Circuits
A
Suffix
3
.504
-3
12.80
6
.972
-6
24.69
9
1.440
-9
36.58
12
1.908
1-
-2
48.46
15
2.376
1-
-5
60.35
18
2.844
1-
-8
72.24
20
3.156
2-
-0
80.16
21
3.312
2-
-1
84.12
22
3.468
2-
-2
88.09
23
3.624
2-
-3
92.05
24
3.780
2-
-4
96.01
.195
[4.95]
.075
[1.91]
.074
[1.88]
1.150
[29.21]
Note: Contact can remain during
locking plug installation.
Material (RoHS Compliant)
UL94V-2 rated, nylon, white
Part Number 641293-1
.900
[22.86]
.170
[4.32]
.100
[2.54]
Note: Contact must be removed to
install locking plug.
Base Part Number
Cover Part No.
No. of Circuits
641106
3, 6, 9, 12, 15, 18, 20-24
Replacement IDC Contacts
Material and Finish
Phosphor bronze; post tin plated
Part Numbers
3-640991-1 (18 AWG [0.8-0.9 mm2])
3-640992-1 (20 AWG [0.5-0.6 mm2])
3-640993-1 (22 AWG [0.3-0.4 mm2])
3-640994-1 (24 AWG [0.2 mm2])
3-640995-1 (26 AWG [0.12-0.15 mm2])
MTA-156 IDC Card Edge Accessories
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com