Electronic Components Datasheet Search
  English  ▼

X  

640453 Datasheet(PDF) 19 Page - Tyco Electronics

Part # 640453
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640453 Datasheet(HTML) 19 Page - Tyco Electronics

Back Button 640453 Datasheet HTML 15Page - Tyco Electronics 640453 Datasheet HTML 16Page - Tyco Electronics 640453 Datasheet HTML 17Page - Tyco Electronics 640453 Datasheet HTML 18Page - Tyco Electronics 640453 Datasheet HTML 19Page - Tyco Electronics 640453 Datasheet HTML 20Page - Tyco Electronics 640453 Datasheet HTML 21Page - Tyco Electronics 640453 Datasheet HTML 22Page - Tyco Electronics 640453 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
19
641237
YY Y Y Y Y YY
641238
YY Y Y Y Y YY
641239
YY Y Y Y Y YY
641240
YY Y Y Y Y YY
641241
YY Y Y Y Y YY
641242
YY Y Y Y Y YY
641243
YY Y Y Y Y YY
641244
YY Y Y Y Y YY
644020
Y* Y* Y* Y* Y* Y* Y* Y*
644042
Y* Y* Y* Y* Y* Y* Y* Y*
644043
Y* Y* Y* Y* Y* Y* Y* Y*
644044
Y* Y* Y* Y* Y* Y* Y* Y*
644702
Y* Y* Y* Y* Y* Y* Y* Y*
644726
Y* Y* Y* Y* Y* Y* Y* Y*
1375820 NN N N N N NN
Posted Connectors
This matrix has been prepared to assist you, our customer, in defining the correct mating halves
for the MTA-100 posted connector and connector combination. Where a “Y” is indicated the
combination is a valid mating pair. Where an “N” is indicated the combination is not accept-
able for mating.
Matrix for .000030
[0.00076] Gold Plated
Part Numbers
641190
YY Y Y Y Y YY
641191
YY Y Y Y Y YY
641192
YY Y Y Y Y YY
641193
YY Y Y Y Y YY
641198
YY Y Y Y Y YY
641199
YY Y Y Y Y YY
641200
YY Y Y Y Y YY
641201
YY Y Y Y Y YY
644038
Y* Y* Y* Y* Y* Y* Y* Y*
644040
Y* Y* Y* Y* Y* Y* Y* Y*
647477
Y* Y* Y* Y* Y* Y* Y* Y*
647480
Y* Y* Y* Y* Y* Y* Y* Y*
1375820 NN N N N N NN
1744020 Y* Y* Y* Y* Y* Y* Y* Y*
Posted Connectors
Matrix for .000015
[0.00038] Gold Plated
Part Numbers
*2 & 3 position MTA-100 Posted Connectors can not mate with MTA-100
connectors with polarizing tabs.
*2 & 3 position MTA-100 Posted Connectors can not mate with MTA-100
connectors with polarizing tabs.
MTA-100 Posted Connector/Connector Mateability Guide (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com