Electronic Components Datasheet Search
  English  ▼

X  

AD677JRZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AD677JRZ
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD677JRZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AD677JRZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD677JRZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
11
DSCC FORM 2234
APR 97
4.4.3 Group D inspection. The group D inspection end-point electrical parameters shall be as specified in table II herein.
4.4.4 Group E inspection. Group E inspection is required only for parts intended to be marked as radiation hardness assured
(see 3.5 herein).
a.
End-point electrical parameters shall be as specified in table II herein.
b.
For device classes Q and V, the devices or test vehicle shall be subjected to radiation hardness assured tests as
specified in MIL-PRF-38535 for the RHA level being tested. For device class M, the devices shall be subjected to
radiation hardness assured tests as specified in MIL-PRF-38535, appendix A for the RHA level being tested. All device
classes must meet the postirradiation end-point electrical parameter limits as defined in table I at TA = +25°C ±5°C,
after exposure, to the subgroups specified in table II herein.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535 for device classes
Q and V or MIL-PRF-38535, appendix A for device class M.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.1.1 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor
prepared specification or drawing.
6.1.2 Substitutability. Device class Q devices will replace device class M devices.
6.2 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.
6.3 Record of users. Military and industrial users should inform DLA Land and Maritime when a system application requires
configuration control and which SMD's are applicable to that system. DLA Land and Maritime will maintain a record of users and
this list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronic
devices (FSC 5962) should contact DLA Land and Maritime -VA, telephone (614) 692-8108.
6.4 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218-3990,
or telephone (614) 692-0540.
6.5 Abbreviations, symbols, and definitions. The abbreviations, symbols, and definitions used herein are defined in
MIL-PRF-38535 and MIL-HDBK-1331.
6.6 Sources of supply.
6.6.1 Sources of supply for device classes Q and V. Sources of supply for device classes Q and V are listed in
MIL-HDBK-103 and QML-38535. The vendors listed in MIL-HDBK-103 and QML-38535 have submitted a certificate of
compliance (see 3.6 herein) to DLA Land and Maritime -VA and have agreed to this drawing.
6.6.2 Approved sources of supply for device class M. Approved sources of supply for class M are listed in MIL-HDBK-103.
The vendors listed in MIL-HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been
submitted to and accepted by DLA Land and Maritime -VA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com