Electronic Components Datasheet Search
  English  ▼

X  

640559 Datasheet(PDF) 70 Page - Tyco Electronics

Part # 640559
Description  MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640559 Datasheet(HTML) 70 Page - Tyco Electronics

Back Button 640559 Datasheet HTML 66Page - Tyco Electronics 640559 Datasheet HTML 67Page - Tyco Electronics 640559 Datasheet HTML 68Page - Tyco Electronics 640559 Datasheet HTML 69Page - Tyco Electronics 640559 Datasheet HTML 70Page - Tyco Electronics 640559 Datasheet HTML 71Page - Tyco Electronics 640559 Datasheet HTML 72Page - Tyco Electronics 640559 Datasheet HTML 73Page - Tyco Electronics 640559 Datasheet HTML 74Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
70
Proper wire selection is critical
to the success of a wire-to-
board application. The chart
identifies wires that have been
evaluated and approved by the
product engineering section.
If you plan to use a wire not
on the approved list, please
submit a sample 12" length of
wire to Tyco Electronics for
evaluation.
AWG Metric Equivalents
18 —0.8 –0.9 mm2
20 —0.5 –0.6 mm2
22 —0.3 –0.4 mm2
24 —0.2 mm2
26 —0.12 –0.15 mm2
28 —0.08 –0.09 mm2
Product Specifications
108-1050 — MTA-100 Connectors
108-1050-1— MTA-100 Posted
Connectors
108-1051 — MTA-156 Connectors
108-1219 — MTA-156 Quad Connector
System
108-1065— MTA-156 Posted
Connectors
108-1058 — MTA-156 Card Edge
Connectors
Application Specifications
114-1019 — MTA-100 Connectors
114-1020 — MTA-156 Connectors
114-1031 — MTA-100 Ribbon Cable
Connector Assembly
114-1032 — MTA-156 Ribbon Cable
Connector Assembly
114-1048 — MTA-156 Quad Connector
MTA Connectors Approved Wire Listing
MTA-100 Connectors
Wall
Approved Wire AWG
UL 1007 PVC Insulation
.015
″ [0.381]
22, 24, 26, 28
UL 1061 Semi-Rigid PVC Insulation
.009
″ [0.229]
22, 24, 26, 28
UL 1095 Semi-Rigid PVC Insulation
.012
″ [0.305]
24
UL 1371 TEFLON Insulation — TFE
.006
″ [0.152]
22, 26
UL 1429 Irradiated PVC — X.L.P.V.C.
.010
″ [0.254]
22, 24, 26, 28
UL 2464 PVC
.013
″ [0.330]
24
UL 3265 Irradiated Polyethylene — X.L.P.E.
.010
″ [0.254]
22, 24
UL 3266 Irradiated Polyethylene — X.L.P.E.
.015
″ [0.381]
22, 24
MIL-W-16878, Type B-PVC Insulation
.010
″ [0.254]
22
UL 1213 TEFLON Insulation—T.F.E.
.010
″ [0.254]
22
MTA-156 Connectors
UL 1007 PVC Insulation
.015
″ [0.381]
18, 20, 22, 24
UL 1061 Semi-Rigid PVC Insulation
.009
″ [0.229]
18, 20, 22, 24
UL 1180 TEFLON Insulation — T.F.E.
.015
″ [0.381]
22
UL 1213 TEFLON Insulation — T.F.E.
010
″ [0.254]
18, 22, 24
UL 1316 PVC/Nylon Wall
.015
″ [0.381]
18, 22
UL 1429 Irradiated PVC — X.L.P.V.C.
.010
″ [0.254]
18, 20, 22, 24
UL 1430 Irradiated PVC — X.L.P.V.C.
.015
″ [0.381]
18, 20, 22, 24
UL 1569 PVC
.015
″ [0.381]
18
UL 3265 Irradiated Polyethylene — X.L.P.E.
.010
″ [0.254]
22
UL 3266 Irradiated Polyethylene — X.L.P.E.
.015
″ [0.381]
18, 20, 22, 24
Note: When selecting approved wire styles noted on this list, the MTA Application Specifications guidelines must be
followed. Also, due to wire variations in insulation wall thickness, hardness and wire stranding we would recom-
mend evaluating the wire selected before final application approval.
TEFLON is a trademark of E.I. DuPont de Nemours and Company.
MTA-100 Ribbon Cable Preparation
MTA-156 Ribbon Cable Preparation
† The dimensions shown represent the recommended minimum and maximum for notches;
the actual dimension will depend on your application requirements.
Notes:
1. Cable shall be notched, as indicated in the individual ribbon cable connector assembly drawing, according to the
requirements specified in these figures. Conductor shall not be exposed after notching, nor shall individual wire
stands be cut or nicked.
2. U.L. Style #2651 ribbon cable is approved for use with MTA-100 and MTA-156 connectors per Application
Specification 114-1031 and 114-1032.
Ribbon Cable
Cable Edge-to-End Alignment
(Ends of the cable shall be prepared as indicated in this figure)
.400-.800†
[10.16-20.32]
Feed-Thru Notch
Dead-End Notch
.036-.046 Standard
(.046-.052 Allowable for
26-28 AWG Wire Only)
.280-.450†
[7.112-11.43]
.036-.046 Standard
(.046-.052 Allowable for
26-28 AWG Wire Only)
.500-1.000†
[12.70-25.40]
Feed-Thru Notch
Flush-Mount Notch
.400-.600†
[10.16-15.24]
.062-.080
[1.57-2.03]
.062-.080
[1.57-2.03]
.064 [1.63]
Typ. (Max.)
After Notching
.050 [1.27]
Dia. (Max.)
For Mass Terminating
.100
[2.54]
(Typ.)
Insulation
Conductor
Web
.094 [2.39]
Typ. (Max.)
After Notching
.070 [1.78]
Dia. (Max.)
For Mass Terminating
.156
[3.96]
(Typ.)
Insulation
Conductor
Web
Ribbon Cable End View
– A –
.010
A
Per Inch of Cable Width
Notes:
1. For MTA Cable Assemblies
Contact US Engineering
Cable Assembly Group.
2. For IDC Cable, see pages
71 thru 74.
MTA Wire Selection
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com