Electronic Components Datasheet Search
  English  ▼

X  

AD677TD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD677TD
Description  MICROCIRCUIT, DIGITAL-LINEAR, FAST, SERIAL, 16-BIT, A/D CONVERTER, MULTICHIP SILICON
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD677TD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD677TD Datasheet HTML 1Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 2Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 3Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 4Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 5Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 6Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 7Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 8Page - List of Unclassifed Manufacturers AD677TD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-95592
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
B
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing documents two product assurance class levels consisting of high reliability (device classes Q and
M) and space application (device class V). A choice of case outlines and lead finishes are available and are reflected in the Part
or Identifying Number (PIN). When available, a choice of Radiation Hardness Assurance (RHA) levels is reflected in the PIN.
1.2 PIN. The PIN is as shown in the following example:
5962
-
95592
01
M
E
A
Federal
stock class
designator
RHA
designator
(see 1.2.1)
Device
type
(see 1.2.2)
Device
class
designator
Case
outline
(see 1.2.4)
Lead
finish
(see 1.2.5)
\
/
(see 1.2.3)
\/
Drawing number
1.2.1 RHA designator. Device classes Q and V RHA marked devices meet the MIL-PRF-38535 specified RHA levels and are
marked with the appropriate RHA designator. Device class M RHA marked devices meet the MIL-PRF-38535, appendix A
specified RHA levels and are marked with the appropriate RHA designator. A dash (-) indicates a non-RHA device.
1.2.2 Device type. The device type identifies the circuit function as follows:
Device type
Generic number
Circuit function
01
AD677
16-bit, 100 kSPS, serial, A/D converter
1.2.3 Device class designator. The device class designator is a single letter identifying the product assurance level as
follows:
Device class
Device requirements documentation
M
Vendor self-certification to the requirements for MIL-STD-883 compliant, non-
JAN class level B microcircuits in accordance with MIL-PRF-38535, appendix A
Q or V
Certification and qualification to MIL-PRF-38535
1.2.4 Case outline. The case outline is as designated in MIL-STD-1835 as follows:
Outline letter
Descriptive designator
Terminals
Package style
E
CDIP2-T16
16
Dual-in-line
1.2.5 Lead finish. The lead finish is as specified in MIL-PRF-38535 for device classes Q and V or MIL-PRF-38535,
appendix A for device class M.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com