Electronic Components Datasheet Search
  English  ▼

X  

OP227GN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # OP227GN
Description  MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP227GN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  OP227GN Datasheet HTML 1Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 2Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 3Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 4Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 5Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 6Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 7Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 8Page - List of Unclassifed Manufacturers OP227GN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-86887
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
SHEET
8
DSCC FORM 2234
APR 97
4.3.2 Groups C and D inspections.
a.
End-point electrical parameters shall be as specified in table II herein.
b.
Steady-state life test conditions, method 1005 of MIL-STD-883.
(1)
Test condition A, B, C, or D. The test circuit shall be maintained by the manufacturer under document revision
level control and shall be made available to the preparing or acquiring activity upon request. The test circuit shall
specify the inputs, outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in
method 1005 of MIL-STD-883.
(2)
TA = +125°C, minimum.
(3)
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.
5. PACKAGING
5.1 Packaging requirements. The requirements for packaging shall be in accordance with MIL-PRF-38535, appendix A.
6. NOTES
6.1 Intended use. Microcircuits conforming to this drawing are intended for use for Government microcircuit applications
(original equipment), design applications, and logistics purposes.
6.2 Replaceability. Microcircuits covered by this drawing will replace the same generic device covered by a contractor-
prepared specification or drawing.
6.3 Configuration control of SMD's. All proposed changes to existing SMD's will be coordinated with the users of record for
the individual documents. This coordination will be accomplished using DD Form 1692, Engineering Change Proposal.
6.4 Record of users. Military and industrial users shall inform DLA Land and Maritime when a system application requires
configuration control and the applicable SMD to that system. DLA Land and Maritime will maintain a record of users and this
list will be used for coordination and distribution of changes to the drawings. Users of drawings covering microelectronics
devices (FSC 5962) should contact DLA Land and Maritime -VA, telephone (614) 692-0547.
6.5 Comments. Comments on this drawing should be directed to DLA Land and Maritime -VA, Columbus, Ohio 43218-
3990, or telephone (614) 692-0540.
6.6 Approved sources of supply. Approved sources of supply are listed in MIL-HDBK-103. The vendors listed in MIL-
HDBK-103 have agreed to this drawing and a certificate of compliance (see 3.6 herein) has been submitted to and accepted by
DLA Land and Maritime -VA.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com