Electronic Components Datasheet Search
  English  ▼

X  

OP-16BJ Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OP-16BJ
Description  MICROCIRCUIT, LINEAR, JFET-INPUT, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OP-16BJ Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OP-16BJ Datasheet HTML 3Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 4Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 5Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 6Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 7Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 8Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 9Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 10Page - List of Unclassifed Manufacturers OP-16BJ Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-89543
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
C
SHEET
7
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/ 2/ 3/
-55
°C ≤ TA ≤ +125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Power supply rejection 4/
ratio
PSRR+
V+ = +10 V to +18 V,
1
04
86
dB
V- = -15 V
2,3
85
PSRR-
V- = -10 V to -18 V,
1
86
V+ = +15 V
2,3
85
Output short circuit 4/
current
ISC+
1
04
-42
-2
mA
ISC-
2
42
Slew rate 4/
SR
AVCL = +1 V
7
01,04
18.0
V/
µs
8a
10.0
7
02
12.0
8a
7.0
7
03
9.0
8a
5.0
Gain bandwidth product 4/
GBW
TA = +25°C, fO = 100 kHz
7
01,04
5.5
MHz
02
4.0
03
3.0
Power dissipation 4/
PD
VO = 0 V, TA = +25°C
1
01,02,
04
210
mW
03
240
Settling time
tS
6/
9,10
All
4
µs
1/ Unless otherwise specified VS = ±15 V, RS = 50 Ω.
2/ Devices supplied to this drawing meet all levels M, D, P, L, and R of irradiation however this device is only tested at the
R level. Pre and post irradiation values are identical unless otherwise specified in table I. When performing post
irradiation electrical measurements for any RHA level, TA = +25°C.
3/ These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are guaranteed only for the conditions as specified in MIL-STD-883,
method 1019.
4/ This parameter not tested post irradiation.
5/ Subgroup 3 is guaranteed if not tested.
6/ Subgroup 10 is guaranteed if not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com