Electronic Components Datasheet Search
  English  ▼

X  

LP3987 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3987
Description  Micropower DSBGA 150-mA Ultra Low Dropout CMOS Voltage Regulator With Sleep MODE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3987 Datasheet(HTML) 5 Page - Texas Instruments

  LP3987 Datasheet HTML 1Page - Texas Instruments LP3987 Datasheet HTML 2Page - Texas Instruments LP3987 Datasheet HTML 3Page - Texas Instruments LP3987 Datasheet HTML 4Page - Texas Instruments LP3987 Datasheet HTML 5Page - Texas Instruments LP3987 Datasheet HTML 6Page - Texas Instruments LP3987 Datasheet HTML 7Page - Texas Instruments LP3987 Datasheet HTML 8Page - Texas Instruments LP3987 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LP3987
www.ti.com
SNVS164G – OCTOBER 2001 – REVISED MAY 2013
Electrical Characteristics (continued)
Unless otherwise specified: VEN = 1.8V, MODE = 1.8V, VIN = VOUT(nom) + 0.5V, CIN = 1 µF, IOUT = 1mA, COUT = 1 µF.
Typical values and limits appearing in standard typeface are for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(1) (2)
Limit
Parameter
Test Conditions
Typ
Unit
Min
Max
VMODE_L
Logic Low Input Threshold
VIN = 3.05 to 6V
0.5
V
VMODE_H
Logic High Input Threshold
VIN = 3.05 to 6V
1.2
V
Maximum Input Current at
VMODE = 0 and VIN = 6.0V
IMODE
µA
VMODE
0.015
Timing Characteristics
TON
Turn on Time (On Mode)(5) (9)
MODE = 1.8V, COUT = 4.7µF
170
250
µs
Turn on Time (Sleep
MODE = 0V, COUT = 4.7µF
5
TSLEEP
ms
Mode)(5)(10)
0.5
Sleep to On Mode Settle
COUT = 4.7µF, Enable = 1.8V
300
TMODE
µs
Time(5)(11)
200
(9)
TON is measured from rising edge of Enable with MODE = 1.8V to when VOUT reaches 95% of final value.
(10) TSLEEP is measured from rising edge of Enable with MODE = 0V to when VOUT reaches 95% of final value.
(11) TMODE is measured from rising edge of MODE with ENABLE = 1.8V to time before full current capability.
Figure 3.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3987



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com