Electronic Components Datasheet Search
  English  ▼

X  

LP3982 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3982
Description  LP3982 Micropower, Ultra Low-Dropout, Low-Noise, 300 mA CMOS Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3982 Datasheet(HTML) 2 Page - Texas Instruments

  LP3982 Datasheet HTML 1Page - Texas Instruments LP3982 Datasheet HTML 2Page - Texas Instruments LP3982 Datasheet HTML 3Page - Texas Instruments LP3982 Datasheet HTML 4Page - Texas Instruments LP3982 Datasheet HTML 5Page - Texas Instruments LP3982 Datasheet HTML 6Page - Texas Instruments LP3982 Datasheet HTML 7Page - Texas Instruments LP3982 Datasheet HTML 8Page - Texas Instruments LP3982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PD =
TJ(MAX) - TA
6JA
(4)
Maximum Power dissipation for the device is calculated using the following equations:
where TJ(MAX) is the maximum
LP3982
SNVS185D – FEBRUARY 2002 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN, VOUT, VSHDN, VSET, VCC, VFAULT
−0.3V to 6.5V
Fault Sink Current
20mA
Power Dissipation
See(4)
Storage Temperature Range
−65°C to 160°C
Junction Temperature (TJ)
150°C
Lead Temperature (10 sec.)
260°C
Human Body Model(5)
2kV
ESD Rating
Machine Model
200V
8-Pin VSSOP
223°C/W
Thermal Resistance (
θJA)
8-Pin WSON
See(4)
(1)
Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the ground pin.
(3)
If Military/Aerospace specified devices are required, please contact Texas Instruments Sales Office/Distributors for availability and
specifications.
junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. For example, for the VSSOP-
8 package
θJA = 223°C/W, TJ(MAX) = 150°C and using TA = 25°C; the maximum power dissipation is found to be 561 mW. The derating
factor (
−1/θJA) = −4.5 mW/°C, thus below 25°C the power dissipation figure can be increased by 4.5 mW per degree, and similarity
decreased by this factor for temperatures above 25°C. The value of the
θJA for the WSON package is specifically dependent on the PCB
trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the
WSON package, refer to Application Note AN-1187 SNOA401.
(5)
Human body model: 1.5 k
Ω in series with 100 pF.
RECOMMENDED OPERATING CONDITIONS
(1) (2)
Temperature Range
−40°C to 85°C
Supply Voltage
2.5V to 6.0V
(1)
Absolute Maximum ratings indicate limits beyond which damage may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
(2)
All voltages are with respect to the potential at the ground pin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, all limits specified for VIN = VO +0.5V
(1), V
SHDN = VIN, CIN = COUT = 2.2μF, CCC = 33nF, TJ = 25°C.
Boldface limits apply for the operating temperature extremes:
−40°C and 85°C.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
VIN
Input Voltage
2.5
6.0
V
ΔVO
Output Voltage Tolerance
100
μA ≤ IOUT ≤ 300 mA
−2
+2
% of VOUT
VIN = VO +0.5V
(1)
−3
+3
(NOM)
SET = OUT for the Adjust Versions
VO
Output Adjust Range
Adjust Version Only
1.25
6
V
IO
Maximum Output Current
Average DC Current Rating
300
mA
ILIMIT
Output Current Limit
330
770
mA
IQ
Supply Current
IOUT = 0mA
90
270
μA
IOUT = 300 mA
225
Shutdown Supply Current
VO = 0V, SHDN = GND
0.001
1
μA
(1)
Condition does not apply to input voltages below 2.5V since this is the minimum input operating voltage.
(2)
All limits are verified by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LP3982



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com