Electronic Components Datasheet Search
  English  ▼

X  

LP3981 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments LP3981 Datasheet HTML 10Page - Texas Instruments LP3981 Datasheet HTML 11Page - Texas Instruments LP3981 Datasheet HTML 12Page - Texas Instruments LP3981 Datasheet HTML 13Page - Texas Instruments LP3981 Datasheet HTML 14Page - Texas Instruments LP3981 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LP3981
www.ti.com
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
NOISE BYPASS CAPACITOR
Connecting a 0.033µF capacitor between the CBP pin and ground significantly reduces noise on the regulator
output. This cap is connected directly to a high impedance node in the bad gap reference circuit. Any significant
loading on this node will cause a change on the regulated output voltage. For this reason, DC leakage current
through this pin must be kept as low as possible for best output voltage accuracy.
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. Hight-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. Polypropolene and polycarbonate
film capacitors are available in small surface-mount packages and typically have extremely low leakage current.
Unlike many other LDO's, addition of a noise reduction capacitor does not effect the transient response of the
device.
CAPACITOR CHARACTERISTICS
The LP3981 is designed to work with ceramic capacitors on the output to take advantage of the benefits they
offer: for capacitance values in the range of 1µF to 4.7µF range, ceramic capacitors are the smallest, least
expensive and have the lowest ESR values (which makes them best for eliminating high frequency noise). The
ESR of a typical 1µF ceramic capacitor is in the range of 20 m
Ω to 40 mΩ, which easily meets the ESR
requirement for stability by the LP3981.
The ceramic capacitor's capacitance can vary with temperature. Most large value ceramic capacitors (
≊ 2.2µF)
are manufactured with Z5U or Y5V temperature characteristics, which results in the capacitance dropping by
more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R, which holds the capacitance within
±15%.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1µF to 4.7µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly ) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
ON/OFF INPUT OPERATION
The LP3981 is turned off by pulling the VEN pin low, and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator output on at all time. To assure proper operation, the
signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section under VIL and VIH.
FAST ON-TIME
The LP3981 utilizes a speed up circuitry to ramp up the internal VREF voltage to its final value to achieve a fast
output turn on time.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com