Electronic Components Datasheet Search
  English  ▼

X  

LP2954IS Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2954IS
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954IS Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2954IS Datasheet HTML 10Page - Texas Instruments LP2954IS Datasheet HTML 11Page - Texas Instruments LP2954IS Datasheet HTML 12Page - Texas Instruments LP2954IS Datasheet HTML 13Page - Texas Instruments LP2954IS Datasheet HTML 14Page - Texas Instruments LP2954IS Datasheet HTML 15Page - Texas Instruments LP2954IS Datasheet HTML 16Page - Texas Instruments LP2954IS Datasheet HTML 17Page - Texas Instruments LP2954IS Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LP2954, LP2954A
SNVS096D – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Typical Applications
Figure 26. Typical Application Circuit
Figure 27. 5V Regulator
*Output voltage equals +VIN minus dropout voltage, which varies with output current. Current limits at 380 mA
(typical).
Figure 28. 5V Current Limiter
14
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com