Electronic Components Datasheet Search
  English  ▼

X  

LP2954A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP2954A
Description  LP2954/LP2954A 5V and Adjustable Micropower Low-Dropout Voltage Regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2954A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP2954A Datasheet HTML 3Page - Texas Instruments LP2954A Datasheet HTML 4Page - Texas Instruments LP2954A Datasheet HTML 5Page - Texas Instruments LP2954A Datasheet HTML 6Page - Texas Instruments LP2954A Datasheet HTML 7Page - Texas Instruments LP2954A Datasheet HTML 8Page - Texas Instruments LP2954A Datasheet HTML 9Page - Texas Instruments LP2954A Datasheet HTML 10Page - Texas Instruments LP2954A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LP2954, LP2954A
www.ti.com
SNVS096D – JUNE 1999 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Ripple Rejection
Ripple Rejection
Figure 11.
Figure 12.
Ripple Rejection
Line Transient Response
Figure 13.
Figure 14.
Line Transient Response
Output Impedance
Figure 15.
Figure 16.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP2954 LP2954A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com