Electronic Components Datasheet Search
  English  ▼

X  

ADS5400MHFSV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400MHFSV
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5400MHFSV Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS5400MHFSV Datasheet HTML 3Page - Texas Instruments ADS5400MHFSV Datasheet HTML 4Page - Texas Instruments ADS5400MHFSV Datasheet HTML 5Page - Texas Instruments ADS5400MHFSV Datasheet HTML 6Page - Texas Instruments ADS5400MHFSV Datasheet HTML 7Page - Texas Instruments ADS5400MHFSV Datasheet HTML 8Page - Texas Instruments ADS5400MHFSV Datasheet HTML 9Page - Texas Instruments ADS5400MHFSV Datasheet HTML 10Page - Texas Instruments ADS5400MHFSV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
ADS5400-SP
www.ti.com
SLAS669C – SEPTEMBER 2010 – REVISED AUGUST 2012
TIMING CHARACTERISTICS
(1)
(continued)
Typical values at TA = 25°C, Min and Max values over full temperature range TC,MIN = –55°C to TC,MAX = 125°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, and 1.5 VPP differential clock
(unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
LVDS OUTPUT TIMING (DATA, CLKOUT, OVR/SYNCOUT)(2)
tCLK
Clock period
1
10
ns
tCLKH
Clock pulse duration, high
Assuming worst case 45/55 duty cycle
0.45
ns
tCLKL
Clock pulse duration, low
Assuming worst case 55/45 duty cycle
0.45
ns
CLKIN rising to CLKOUT rising in divide by 2
1200
tPD-CLKDIV2
Clock propagation delay
ps
mode
CLKIN rising to CLKOUT rising in divide by 4
1200
tPD-CLKDIV4
Clock propagation delay
ps
mode
Bus A data propagation
tPD-ADATA
1400
ps
delay
CLKIN falling to Data Output transition
Bus B data propagation
tPD-BDATA
1400
ps
delay
Data valid to CLKOUT edge, 50% CLKIN duty
tSU-SBM
(3)
Setup time, single bus mode
290
(tCLK/2) - 185
ps
cycle
CLKOUT edge to Data invalid, 50% CLKIN duty
tH-SBM
Hold time, single bus mode
410
(tCLK/2) - 65
ps
cycle
Data valid to CLKOUT edge, 50% CLKIN duty
tSU-DBM
Setup time, dual bus mode
550
tCLK - 425
ps
cycle
CLKOUT edge to Data invalid, 50% CLKIN duty
tH-DBM
Hold time, dual bus mode
1150
tCLK + 175
ps
cycle
tr
LVDS output rise time
400
ps
Measured 20% to 80%
tf
LVDS output fall time
400
ps
LVDS INPUT TIMING (RESETIN)
tRSU
RESET setup time
RESETP going HIGH to CLKINP going LOW
325
ps
tRH
RESET hold time
CLKINP going LOW to RESETP going LOW
325
ps
RESET input capacitance
Differential
1
pF
RESET input current
±1
µA
SERIAL INTERFACE TIMING
tS-SDENB
Setup time, serial enable
SDENB falling to SCLK rising
20
ns
tH-SDENB
Hold time, serial enable
SCLK falling to SENDB rising
25
ns
tS-SDIO
Setup time, SDIO
SDIO valid to SCLK rising
10
ns
tH-SDIO
Hold time, SDIO
SCLK rising to SDIO transition
10
ns
fSCLK
Frequency
10
MHz
tSCLK
SCLK period
100
ns
tSCLKH
Minimum SCLK high time
40
ns
tSCLKL
Minimum SCLK low time
40
ns
tr
Rise time
10pF
10
ns
tf
Fall time
10pF
10
ns
Data output (SDO/SDIO) delay after SCLK
tDDATA
Data output delay
75
ns
falling, 10pF load
(2)
LVDS output timing measured with a differential 100
Ω load placed ~4 inches from the ADS5400. Measured differential load capacitance
is 3.5pF. Measurement probes and other parasitics add ~1pF. Total approximate capacitive load is 4.5pF differential. All timing
parameters are relative to the device pins, with the loading as stated.
(3)
In single bus mode at 1GSPS (1ns clock), the minimum output setup/hold times over process and temperature provide a minimum
700ps of data valid window, with 300ps of uncertainity.
Copyright © 2010–2012, Texas Instruments Incorporated
7
Product Folder Links: ADS5400-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com