Electronic Components Datasheet Search
  English  ▼

X  

LMT90 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMT90
Description  LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT90 Datasheet(HTML) 3 Page - Texas Instruments

  LMT90 Datasheet HTML 1Page - Texas Instruments LMT90 Datasheet HTML 2Page - Texas Instruments LMT90 Datasheet HTML 3Page - Texas Instruments LMT90 Datasheet HTML 4Page - Texas Instruments LMT90 Datasheet HTML 5Page - Texas Instruments LMT90 Datasheet HTML 6Page - Texas Instruments LMT90 Datasheet HTML 7Page - Texas Instruments LMT90 Datasheet HTML 8Page - Texas Instruments LMT90 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LMT90
www.ti.com
SNIS177A – MARCH 2013 – REVISED AUGUST 2013
ELECTRICAL CHARACTERISTICS
Unless otherwise noted, these specifications apply for VS = +5 VDC and ILOAD = +0.5 μA, in the circuit of Figure 2. Boldface
limits apply for the specified TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
UNITS
PARAMETER
CONDITIONS
TYPICAL
MAX(1)
(LIMIT)
TA = +25°C
±3.0
°C (max)
Accuracy (2)
TA = TMAX
±4.0
°C (max)
TA = TMIN
±4.0
°C (max)
Nonlinearity (3)
±0.8
°C (max)
Sensor Gain
+9.7
mV/°C (min)
(Average Slope)
+10.3
mV/°C (max)
Output Resistance
2000
4000
Ω (max)
±0.8
mV/V (max)
Line Regulation (4)
+4.5V
≤ VS ≤ +10V
±1.2
mV/V (max)
Quiescent Current (5)
+4.5V
≤ VS ≤ +10V
130
μA (max)
180
μA (max)
Change of Quiescent Current (5)
+4.5V
≤ VS ≤ +10V
2.0
μA (max)
Temperature Coefficient of Quiescent Current
+2.0
μA/°C
Long Term Stability (6)
TJ = 125°C, for 1000 hours
±0.08
°C
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the output voltage and 10mv/°C times the device's case temperature plus 500 mV, at specified
conditions of voltage, current, and temperature (expressed in °C).
(3)
Nonlinearity is defined as the deviation of the output-voltage-versus-temperature curve from the best-fit straight line, over the device's
rated temperature range.
(4)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output due to heating
effects can be computed by multiplying the internal dissipation by the thermal resistance.
(5)
Quiescent current is defined in the circuit of Figure 2.
(6)
For best long-term stability, any precision circuit will give best results if the unit is aged at a warm temperature, and/or temperature
cycled for at least 46 hours before long-term life test begins. This is especially true when a small (Surface-Mount) part is wave-soldered;
allow time for stress relaxation to occur. The majority of the drift will occur in the first 1000 hours at elevated temperatures. The drift after
1000 hours will not continue at the first 1000 hour rate.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMT90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com