Electronic Components Datasheet Search
  English  ▼

X  

LMT84 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMT84
Description  LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMT84 Datasheet(HTML) 1 Page - Texas Instruments

  LMT84 Datasheet HTML 1Page - Texas Instruments LMT84 Datasheet HTML 2Page - Texas Instruments LMT84 Datasheet HTML 3Page - Texas Instruments LMT84 Datasheet HTML 4Page - Texas Instruments LMT84 Datasheet HTML 5Page - Texas Instruments LMT84 Datasheet HTML 6Page - Texas Instruments LMT84 Datasheet HTML 7Page - Texas Instruments LMT84 Datasheet HTML 8Page - Texas Instruments LMT84 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LMT84
GND
OUT
VDD
GND
GND
4
5
1
2
3
LMT84, LMT84-Q1
www.ti.com
SNIS167A – MARCH 2013 – REVISED JUNE 2013
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
Check for Samples: LMT84, LMT84-Q1
1
FEATURES
DESCRIPTION
The LMT84/LMT84-Q1 are precision analog output
2
•
LMT84-Q1 is AEC-Q100 Grade 0 qualified and
CMOS integrated-circuit temperature sensors that
is Manufactured on an Automotive Grade Flow
operates at a supply voltage as low as 1.5 Volts. A
•
Low 1.5 V Operation
class-AB output structure gives the LMT84/LMT84-
•
Push-Pull Output with 50 µA Source Current
Q1 strong output source and sink current capability
for driving heavy loads. This means it is well suited to
Capability
source the input of a sample-and-hold analog-to-
•
Very Accurate Over Wide Temperature Range
digital converter with its transient load requirements.
of
−50°C to 150°C
While operating over the wide temperature range of
•
Low Quiescent Current
−50°C to 150°C, the LMT84/LMT84-Q1 deliver an
output voltage that is inversely proportional to
•
Output is Short-Circuit Protected
measured temperature. The LMT84/LMT84-Q1 low
•
Extremely Small SC70 Package
supply current make it ideal for battery-powered
•
Footprint Compatible with the Industry-
systems as well as general temperature sensing
Standard LM20 Temperature Sensor
applications.
•
Cost-effective Alternative to Thermistors
The LMT84/LMT84-Q1 can operate with a 1.5V
supply while measuring temperature over the full
APPLICATIONS
−50°C to 150°C operating range.
•
Automotive
The
LMT84/LMT84-Q1
are
cost-competitive
•
Industrial
alternatives to thermistors.
•
White Goods
•
Battery Management
•
Disk Drives
•
Appliances
•
Games
•
Wireless Transceivers
•
Cell phones
CONNECTION DIAGRAM
TYPICAL TRANSFER CHARACTERISTIC
Output Voltage vs Temperature
Figure 1. SOT Top View
See Package Number DCK0005A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMT84

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84 Datasheet
1Mb / 26P
1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84 Datasheet
1Mb / 30P
1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI2-LMT84 Datasheet
839Kb / 23P
LMT84-Q1 1.5-V, SC70, Analog Temperature Sensors
OCTOBER 2017
More results

Similar Description - LMT84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM94022 NSC-LM94022 Datasheet
964Kb / 16P
1.5V, SC70, Multi-Gain Analog Temperature Sensor with Class-AB Output
logo
Texas Instruments
LMT84 TI-LMT84 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85 Datasheet
1,020Kb / 16P
LMT85/LMT85-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86 Datasheet
1,013Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
LMT84-Q1 TI1-LMT84-Q1 Datasheet
978Kb / 16P
LMT84/LMT84-Q1 1.5V, SC70, Analog Temperature Sensors with Class-AB Output
LMT87QDCKRQ1 TI1-LMT87QDCKRQ1 Datasheet
988Kb / 16P
LMT87/LMT87-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT86DCKT TI1-LMT86DCKT Datasheet
982Kb / 16P
LMT86/LMT86-Q1 SC70, Analog Temperature Sensors with Class-AB Output
LMT84 TI-LMT84_15 Datasheet
1Mb / 26P
1.5V, SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com