Electronic Components Datasheet Search
  English  ▼

X  

LMP7300MA Datasheet(PDF) 15 Page - Texas Instruments

Part # LMP7300MA
Description  Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7300MA Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7300MA Datasheet HTML 9Page - Texas Instruments LMP7300MA Datasheet HTML 10Page - Texas Instruments LMP7300MA Datasheet HTML 11Page - Texas Instruments LMP7300MA Datasheet HTML 12Page - Texas Instruments LMP7300MA Datasheet HTML 13Page - Texas Instruments LMP7300MA Datasheet HTML 14Page - Texas Instruments LMP7300MA Datasheet HTML 15Page - Texas Instruments LMP7300MA Datasheet HTML 16Page - Texas Instruments LMP7300MA Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
+
-
INP
INN
HYSTP
HYSTN
OUT
0.1
PF
R1
318.4 k
:
1%
GND
V
+
R5
LED
VREF
R3
9.86 k
:
1%
VBATT
so, if
VREF
VBATT
=
D and R2 is known,
The LED turns on when VBATT x
R2
R1 + R2
d VREF,
As an example:
VREF = 2.048V, VBATTLOW = +2.7V, R2 = 1 M:
then R1 = 318.4 k:
then, R1 = R2 ¨¨©
§
D
1 -
D
= R2 ¨©
§ VBATT - VREF
VREF
R2
1 M
:
1%
R4
1 M
:
1%
-
+
VREF
HYSTN
HYSTP
0.1 PF
1 M:
VCC
GND
RH1
1.44 k:
RH2
205 k:
RTH
T
C1
6.8 PF
LMP7300
VREF
VCC (2.7V ± 12V)
RADJ
3.24 k:
RSET
78.7 k:
RSET
78.7 k:
LMP7300
www.ti.com
SNOSAT7F – AUGUST 2007 – REVISED MARCH 2013
The temperature sensor used is an Omega 44008 Precision NTC Thermistor. The 44008 has an accuracy of
±0.2°C. The resistance at 85°C is 3270.9
Ω and at 80°C is 3840.2Ω. The trip voltage threshold is established by
one half of the bridge, which is the ratio of RADJ and RSET. The input signal bias is set by the second half, which
is the ratio of the thermistor resistance RTH and RSET. The resistance values are chosen for ∼50 µA bridge
current to minimize the power in the thermistor. The thermistor specification states it has a 1°C/mW dissipation
error. The reference voltage establishes the supply voltage for the bridge to make the circuit independent of
supply voltage variation. Capacitor C1 establishes a low frequency pole at FCORNER = 1/(2πC1*2(RSET//RADJ)).
With the resistance values chosen C1 should be selected for Fc < 10 Hz. This will limit the thermal noise in the
bridge.
The accuracy of the circuit can be calculated from the nearest resistance values chosen. For 1% resistors RADJ
is 3.24 k
Ω, and RSET is 78.7 kΩ. The bridge gain becomes 2.488 mV/C at 85°C. In general, the higher the bridge
current is allowed to be, the higher the bridge gain will be. The actual trip point found during simulation is 85.3°C
and the reset point is 80.04°C. With the values chosen the worst case trip temperature uncertainty is ±1.451°C
and the reset uncertainty is ±1.548°C. Accuracy could be maximized with resistors chosen to 0.1% values, 0.1%
tolerance and by using the 0.1% model of the Omega 44008 thermistor.
Figure 25. Precision High Temperature Switch
MICROPOWER PRECISION BATTERY LOW VOLTAGE DETECTOR
The ability of the LMP7300 to operate at very low supply voltages, makes it an ideal choice for low battery
detection application in portable equipment. The circuit in Figure 26 performs the function of low voltage
threshold detection in a 3 cell 0.9V discharge voltage, battery monitor application. R1 and R2 are chosen to set
the inverting input voltage equal to the non-inverting input voltage when the battery voltage is equal to the
minimum operating voltage of the system. Here, the very precise reference output voltage is directly connected
to the non-inverting input on the comparator and sets an accurate threshold voltage. The hysteresis is set to 0
mV negative and 20 mV positive. The output is off for voltages higher than the minimum VBATT, and turns on
when the circuit detects a minimum battery voltage condition.
Figure 26. Battery Voltage Monitor for 3 Cell Discharge Voltage
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com