Electronic Components Datasheet Search
  English  ▼

X  

LMP7702 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7702
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7702 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7702 Datasheet HTML 11Page - Texas Instruments LMP7702 Datasheet HTML 12Page - Texas Instruments LMP7702 Datasheet HTML 13Page - Texas Instruments LMP7702 Datasheet HTML 14Page - Texas Instruments LMP7702 Datasheet HTML 15Page - Texas Instruments LMP7702 Datasheet HTML 16Page - Texas Instruments LMP7702 Datasheet HTML 17Page - Texas Instruments LMP7702 Datasheet HTML 18Page - Texas Instruments LMP7702 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
40
60
80
100
120
140
VS = 3V
VS = 5V
VS = 12V
0.001
0.01
0.1
1
10
VOUT (V)
0.001
0.01
0.1
1
AV = +1
AV = +10
VS = 5V
f = 1 kHz
RL = 100 k:
10
100
1k
10k
100k
FREQUENCY (Hz)
0.001
0.01
0.1
1
AV = +1
AV = +10
VS = 5V
VO = 4.5 VPP
RL = 100 k:
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise noted: TA = 25°C, VCM = VS/2, RL > 10 kΩ.
THD+N vs. Frequency
THD+N vs. Output Voltage
Figure 42.
Figure 43.
Crosstalk Rejection Ratio vs. Frequency (LMP7702/LMP7704)
Figure 44.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com