Electronic Components Datasheet Search
  English  ▼

X  

LMP7701MAX Datasheet(PDF) 19 Page - Texas Instruments

Part # LMP7701MAX
Description  LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP7701MAX Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMP7701MAX Datasheet HTML 15Page - Texas Instruments LMP7701MAX Datasheet HTML 16Page - Texas Instruments LMP7701MAX Datasheet HTML 17Page - Texas Instruments LMP7701MAX Datasheet HTML 18Page - Texas Instruments LMP7701MAX Datasheet HTML 19Page - Texas Instruments LMP7701MAX Datasheet HTML 20Page - Texas Instruments LMP7701MAX Datasheet HTML 21Page - Texas Instruments LMP7701MAX Datasheet HTML 22Page - Texas Instruments LMP7701MAX Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
REDUCED INPUT VOLTAGE NOISE =
en1+en2+
2
2
+enN
2
=
1
N
1
N
Nen
2
=
N
N
en
=
1
en
N
I =
V2 ± V1
RS
V2R
R + R
(V0 ± IRS)R
V1R
V0R
+
=
+
R + R
R + R
R + R
+
RS
Z
LOAD
V1
V2
R
R
R
R
V
+
V
+
V
-
V
-
+
-
-
I = (V2 ± V1)
RS
A1
A2
LMP7701, LMP7702, LMP7704
www.ti.com
SNOSAI9H – SEPTEMBER 2005 – REVISED MARCH 2013
PRECISION CURRENT SOURCE
The LMP7701/LMP7702/LMP7704 can each be used as a precision current source in many different
applications. Figure 50 shows a typical precision current source. This circuit implements a precision voltage
controlled current source. Amplifier A1 is a differential amplifier that uses the voltage drop across RS as the
feedback signal. Amplifier A2 is a buffer that eliminates the error current from the load side of the RS resistor that
would flow in the feedback resistor if it were connected to the load side of the RS resistor. In general, the circuit is
stable as long as the closed loop bandwidth of amplifier A2 is greater then the closed loop bandwidth of amplifier
A1. Note that if A1 and A2 are the same type of amplifiers, then the feedback around A1 will reduce its
bandwidth compared to A2.
Figure 50. Precision Current Source
The equation for output current can be derived as follows:
Solving for the current I results in the following equation:
LOW INPUT VOLTAGE NOISE
The LMP7701/LMP7702/LMP7704 have the very low input voltage noise of 9 nV/
√Hz. This input voltage noise
can be further reduced by placing N amplifiers in parallel as shown in Figure 51. The total voltage noise on the
output of this circuit is divided by the square root of the number of amplifiers used in this parallel combination.
This is because each individual amplifier acts as an independent noise source, and the average noise of
independent sources is the quadrature sum of the independent sources divided by the number of sources. For N
identical amplifiers, this means:
Figure 51 shows a schematic of this input voltage noise reduction circuit. Typical resistor values are:
RG = 10Ω, RF = 1 kΩ, and RO = 1 kΩ.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMP7701 LMP7702 LMP7704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com