Electronic Components Datasheet Search
  English  ▼

X  

LMH6624MA Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MA
Description  LMH6624/LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6624MA Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH6624MA Datasheet HTML 7Page - Texas Instruments LMH6624MA Datasheet HTML 8Page - Texas Instruments LMH6624MA Datasheet HTML 9Page - Texas Instruments LMH6624MA Datasheet HTML 10Page - Texas Instruments LMH6624MA Datasheet HTML 11Page - Texas Instruments LMH6624MA Datasheet HTML 12Page - Texas Instruments LMH6624MA Datasheet HTML 13Page - Texas Instruments LMH6624MA Datasheet HTML 14Page - Texas Instruments LMH6624MA Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
4
5
6
7
8
9
10
11
12
VSUPPLY (V)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
125°C
25°C
-40°C
1k
100k
100M
FREQUENCY (Hz)
-140
-100
-60
0
10M
1M
10k
-20
-80
-120
-40
VIN = 60mVPP
AV = +20
RL = 100:
VS = ±6V
VS = ±2.5V
CH 1 OUTPUT
CH 2 OUTPUT
0
1
2
3
4
5
0
20
40
60
80
100
120
140
VOUT (V)
-40°C
25°C
125°C
VS = ±6V
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
VOUT (V)
125°C
25°C
-40°C
VS = ±6V
0
0.5
1
1.5
0
20
40
60
80
100
120
140
VOUT (V)
-40°C
125°C
25°C
VS = ±2.5V
0
0.5
1
1.5
-20
0
20
40
60
80
100
120
140
160
VOUT (V)
125°C
25°C
-40°C
VS = ±2.5V
LMH6624
www.ti.com
SNOSA42F – NOVEMBER 2002 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Sinking Current
Sinking Current
vs.
vs.
VOUT (LMH6624)
VOUT (LMH6626)
Figure 28.
Figure 29.
Sinking Current
Sinking Current
vs.
vs.
VOUT (LMH6624)
VOUT (LMH6626)
Figure 30.
Figure 31.
IOS
Crosstalk Rejection
vs.
vs.
VSUPPLY
Frequency (LMH6626)
Figure 32.
Figure 33.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMH6624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com