Electronic Components Datasheet Search
  English  ▼

X  

LMC6484AIM Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484AIM
Description  LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6484AIM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMC6484AIM Datasheet HTML 12Page - Texas Instruments LMC6484AIM Datasheet HTML 13Page - Texas Instruments LMC6484AIM Datasheet HTML 14Page - Texas Instruments LMC6484AIM Datasheet HTML 15Page - Texas Instruments LMC6484AIM Datasheet HTML 16Page - Texas Instruments LMC6484AIM Datasheet HTML 17Page - Texas Instruments LMC6484AIM Datasheet HTML 18Page - Texas Instruments LMC6484AIM Datasheet HTML 19Page - Texas Instruments LMC6484AIM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Application Information (Continued)
10.0 Instrumentation Circuits
The LMC6484 has the high input impedance, large
common-mode range and high CMRR needed for designing
instrumentation circuits. Instrumentation circuits designed
with
the
LMC6484
can
reject
a
larger
range
of
common-mode signals than most in-amps. This makes in-
strumentation circuits designed with the LMC6484 an excel-
lent choice for noisy or industrial environments. Other appli-
cations that benefit from these features include analytic
medical instruments, magnetic field detectors, gas detectors,
and silicon-based transducers.
A small valued potentiometer is used in series with Rg to set
the differential gain of the 3 op-amp instrumentation circuit in
Figure 15. This combination is used instead of one large
valued potentiometer to increase gain trim accuracy and
reduce error due to vibration.
DS011714-28
FIGURE 14. Operating from the same
Supply Voltage, the LMC6484 buffers the
ADC12038 maintaining excellent accuracy
DS011714-29
FIGURE 15. Low Power 3 Op-Amp Instrumentation Amplifier
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com