Electronic Components Datasheet Search
  English  ▼

X  

LMC6484IM Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6484IM
Description  LMC6484 CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6484IM Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMC6484IM Datasheet HTML 13Page - Texas Instruments LMC6484IM Datasheet HTML 14Page - Texas Instruments LMC6484IM Datasheet HTML 15Page - Texas Instruments LMC6484IM Datasheet HTML 16Page - Texas Instruments LMC6484IM Datasheet HTML 17Page - Texas Instruments LMC6484IM Datasheet HTML 18Page - Texas Instruments LMC6484IM Datasheet HTML 19Page - Texas Instruments LMC6484IM Datasheet HTML 20Page - Texas Instruments LMC6484IM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Application Information (Continued)
A 2 op-amp instrumentation amplifier designed for a gain of
100 is shown in
Figure 16. Low sensitivity trimming is made
for offset voltage, CMRR and gain. Low cost and low power
consumption are the main advantages of this two op-amp
circuit.
Higher frequency and larger common-mode range applica-
tions are best facilitated by a three op-amp instrumentation
amplifier.
11.0 Spice Macromodel
A spice macromodel is available for the LMC6484. This
model includes accurate simulation of:
•
input common-mode voltage range
•
frequency and transient response
•
GBW dependence on loading conditions
•
quiescent and dynamic supply current
•
output swing dependence on loading conditions
and many more characteristics as listed on the macromodel
disk.
Contact your local National Semiconductor sales office to
obtain an operational amplifier spice model library disk.
Typical Single-Supply Applications
The circuit in
Figure 17 use a single supply to half wave
rectify a sinusoid centered about ground. R
I limits current
into the amplifier caused by the input voltage exceeding the
supply voltage. Full wave rectification is provided by the
circuit in
Figure 19.
DS011714-30
FIGURE 16. Low-Power Two-Op-Amp Instrumentation Amplifier
DS011714-31
FIGURE 17. Half-Wave Rectifier with
Input Current Protection (RI)
DS011714-32
FIGURE 18. Half-Wave Rectifier Waveform
DS011714-33
FIGURE 19. Full Wave Rectifier
with Input Current Protection (R
I)
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com