Electronic Components Datasheet Search
  English  ▼

X  

ADS4229IRGC25 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS4229IRGC25
Description  Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4229IRGC25 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS4229IRGC25 Datasheet HTML 35Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 36Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 37Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 38Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 39Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 40Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 41Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 42Page - Texas Instruments ADS4229IRGC25 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
−60
−55
−50
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
0
50
100
150
200
250
300
Frequency of Input Common−Mode Signal (MHz)
Input Frequency = 40 MHz
50 mVPP Signal Superimposed on VCM
25
30
35
40
45
50
55
60
65
70
75
64
66
68
70
72
74
76
78
80
82
84
86
88
66
66.5
67
67.5
68
68.5
69
69.5
70
70.5
71
71.5
72
Input Clock Duty Cycle (%)
SNR
THD
Input Frequency = 10 MHz
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
73
75
77
79
81
83
85
87
89
68.5
69
69.5
70
70.5
71
71.5
72
72.5
Differential Clock Amplitude (VPP)
SFDR
SNR
Input Frequency = 40 MHz
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
75
76
77
78
79
80
81
82
83
66.5
67
67.5
68
68.5
69
69.5
70
70.5
Differential Clock Amplitudes (VPP)
SFDR
SNR
Input Frequency = 150 MHz
ADS4229
www.ti.com
SBAS550B – JUNE 2011 – REVISED AUGUST 2012
TYPICAL CHARACTERISTICS: ADS4229 (continued)
At TA = +25°C, AVDD = 1.8 V, DRVDD = 1.8 V, maximum rated sampling frequency, sine wave input clock, 1.5 VPP
differential clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, High-Performance Mode enabled, 0-dB
gain, DDR LVDS output interface, and 32k point FFT, unless otherwise noted.
PERFORMANCE vs INPUT CLOCK AMPLITUDE
PERFORMANCE vs INPUT CLOCK AMPLITUDE
Figure 28.
Figure 29.
PERFORMANCE vs INPUT CLOCK DUTY CYCLE
CMRR vs TEST SIGNAL FREQUENCY
Figure 30.
Figure 31.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS4229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com