Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 213 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 213 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 209Page - Microchip Technology 48GA002 Datasheet HTML 210Page - Microchip Technology 48GA002 Datasheet HTML 211Page - Microchip Technology 48GA002 Datasheet HTML 212Page - Microchip Technology 48GA002 Datasheet HTML 213Page - Microchip Technology 48GA002 Datasheet HTML 214Page - Microchip Technology 48GA002 Datasheet HTML 215Page - Microchip Technology 48GA002 Datasheet HTML 216Page - Microchip Technology 48GA002 Datasheet HTML 217Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 213
PIC24FJ64GA004 FAMILY
24.2
On-Chip Voltage Regulator
All of the PIC24FJ64GA004 family of devices power
their core digital logic at a nominal 2.5V. This may
create an issue for designs that are required to operate
at a higher typical voltage, such as 3.3V. To simplify
system design, all devices in the PIC24FJ64GA004
family incorporate an on-chip regulator that allows the
device to run its core logic from VDD.
The regulator is controlled by the DISVREG pin. Tying
VSS to the pin enables the regulator, which in turn, pro-
vides power to the core from the other VDD pins. When
the regulator is enabled, a low-ESR capacitor (such as
ceramic) must be connected to the VDDCORE/VCAP pin
(Figure 24-1). This helps to maintain the stability of the
regulator. The recommended value for the filter capacitor
is provided in Section 27.1 “DC Characteristics”.
If DISVREG is tied to VDD, the regulator is disabled. In
this case, separate power for the core logic at a nomi-
nal 2.5V must be supplied to the device on the
VDDCORE/VCAP pin to run the I/O pins at higher voltage
levels, typically 3.3V. Alternatively, the VDDCORE/VCAP
and VDD pins can be tied together to operate at a lower
nominal voltage. Refer to Figure 24-1 for possible
configurations.
24.2.1
VOLTAGE REGULATOR TRACKING
MODE AND LOW-VOLTAGE
DETECTION
When it is enabled, the on-chip regulator provides a
constant voltage of 2.5V nominal to the digital core
logic.
The regulator can provide this level from a VDD of about
2.5V, all the way up to the device’s VDDMAX. It does not
have the capability to boost VDD levels below 2.5V. In
order to prevent “brown out” conditions when the volt-
age drops too low for the regulator, the regulator enters
Tracking mode. In Tracking mode, the regulator output
follows VDD, with a typical voltage drop of 100 mV.
When the device enters Tracking mode, it is no longer
possible to operate at full speed. To provide information
about when the device enters Tracking mode, the
on-chip regulator includes a simple, Low-Voltage
Detect circuit. When VDD drops below full-speed oper-
ating voltage, the circuit sets the Low-Voltage Detect
Interrupt Flag, LVDIF (IFS4<8>). This can be used to
generate an interrupt and put the application into a
low-power operational mode, or trigger an orderly
shutdown.
Low-Voltage Detection is only available when the
regulator is enabled.
FIGURE 24-1:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
24.2.2
ON-CHIP REGULATOR AND POR
When the voltage regulator is enabled, it takes approxi-
mately 20
s for it to generate output. During this time,
designated as TSTARTUP, code execution is disabled.
TSTARTUP is applied every time the device resumes
operation after any power-down, including Sleep mode.
If the regulator is disabled, a separate Power-up Timer
(PWRT) is automatically enabled. The PWRT adds a
fixed delay of 64 ms nominal delay at device start-up.
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
3.3V(1)
2.5V(1)
Regulator Disabled (DISVREG tied to VDD):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
2.5V(1)
Regulator Disabled (VDD tied to VDDCORE):
VDD
DISVREG
VDDCORE/VCAP
VSS
PIC24FJ64GA
CEFC
3.3V
(10
F typ)
Regulator Enabled (DISVREG tied to VSS):
Note
1:
These are typical operating voltages. Refer
to Section 27.1 “DC Characteristics” for
the full operating ranges of VDD and
VDDCORE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com