Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 214 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 214 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 210Page - Microchip Technology 48GA002 Datasheet HTML 211Page - Microchip Technology 48GA002 Datasheet HTML 212Page - Microchip Technology 48GA002 Datasheet HTML 213Page - Microchip Technology 48GA002 Datasheet HTML 214Page - Microchip Technology 48GA002 Datasheet HTML 215Page - Microchip Technology 48GA002 Datasheet HTML 216Page - Microchip Technology 48GA002 Datasheet HTML 217Page - Microchip Technology 48GA002 Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 214
 2010 Microchip Technology Inc.
24.2.3
ON-CHIP REGULATOR AND BOR
When
the
on-chip
regulator
is
enabled,
PIC24FJ64GA004 family devices also have a simple
brown-out capability. If the voltage supplied to the reg-
ulator is inadequate to maintain the tracking level, the
regulator Reset circuitry will generate a Brown-out
Reset. This event is captured by the BOR flag bit
(RCON<1>). The brown-out voltage levels are speci-
fied in Section 27.1 “DC Characteristics”.
24.2.4
POWER-UP REQUIREMENTS
The on-chip regulator is designed to meet the power-up
requirements for the device. If the application does not
use the regulator, then strict power-up conditions must
be adhered to. While powering up, VDDCORE must
never exceed VDD by 0.3 volts.
24.2.5
VOLTAGE REGULATOR STANDBY
MODE
When enabled, the on-chip regulator always consumes
a small incremental amount of current over IDD/IPD,
including when the device is in Sleep mode, even
though the core digital logic does not require power. To
provide additional savings in applications where power
resources are critical, the regulator automatically
places itself into Standby mode whenever the device
goes into Sleep mode. This feature is controlled by the
VREGS bit (RCON<8>). By default, this bit is cleared,
which enables Standby mode.
For select PIC24FJ64GA004 family devices, the time
required for regulator wake-up from Standby mode is
controlled by the WUTSEL<1:0> Configuration bits
(CW2<14:13>). The default wake-up time for all
devices is 190
s. Where the WUTSEL Configuration
bits are implemented, a fast wake-up option is also
available. When WUTSEL<1:0> = 01, the regulator
wake-up time is 25
s.
When the regulator’s Standby mode is turned off
(VREGS = 1), Flash program memory stays powered
in Sleep mode and the device can wake-up in less than
10
s. When VREGS is set, the power consumption
while in Sleep mode will be approximately 40
A higher
than power consumption when the regulator is allowed
to enter Standby mode.
24.3
Watchdog Timer (WDT)
For PIC24FJ64GA004 family devices, the WDT is
driven by the LPRC oscillator. When the WDT is
enabled, the clock source is also enabled.
The nominal WDT clock source from LPRC is 31 kHz.
This feeds a prescaler that can be configured for either
5-bit (divide-by-32) or 7-bit (divide-by-128) operation.
The prescaler is set by the FWPSA Configuration bit.
With a 31 kHz input, the prescaler yields a nominal
WDT time-out period (TWDT) of 1 ms in 5-bit mode, or
4 ms in 7-bit mode.
A variable postscaler divides down the WDT prescaler
output and allows for a wide range of time-out periods.
The postscaler is controlled by the WDTPS3:WDTPS0
Configuration bits (Flash Configuration Word 1<3:0>),
which allow the selection of a total of 16 settings, from
1:1 to 1:32,768. Using the prescaler and postscaler,
time-out periods ranging from 1 ms to 131 seconds can
be achieved.
The WDT, prescaler and postscaler are reset:
• On any device Reset
• On the completion of a clock switch, whether
invoked by software (i.e., setting the OSWEN bit
after changing the NOSC bits), or by hardware
(i.e., Fail-Safe Clock Monitor)
• When a PWRSAV instruction is executed
(i.e., Sleep or Idle mode is entered)
• When the device exits Sleep or Idle mode to
resume normal operation
•By a CLRWDT instruction during normal execution
If the WDT is enabled, it will continue to run during
Sleep or Idle modes. When the WDT time-out occurs,
the device will wake the device and code execution will
continue from where the PWRSAV instruction was exe-
cuted. The corresponding SLEEP or IDLE bits
(RCON<3:2>) will need to be cleared in software after
the device wakes up.
The WDT Flag bit, WDTO (RCON<4>), is not auto-
matically cleared following a WDT time-out. To detect
subsequent WDT events, the flag must be cleared in
software.
Note:
For more information, see Section 27.0
“Electrical Characteristics”
.
Note:
This feature is implemented only on
PIC24FJ64GA004 family devices with a
major silicon revision level of B or later
(DEVREV register value is 3042h or
greater).
Note:
The CLRWDT and PWRSAV instructions
clear the prescaler and postscaler counts
when executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com