Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 239 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 239 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 235Page - Microchip Technology 48GA002 Datasheet HTML 236Page - Microchip Technology 48GA002 Datasheet HTML 237Page - Microchip Technology 48GA002 Datasheet HTML 238Page - Microchip Technology 48GA002 Datasheet HTML 239Page - Microchip Technology 48GA002 Datasheet HTML 240Page - Microchip Technology 48GA002 Datasheet HTML 241Page - Microchip Technology 48GA002 Datasheet HTML 242Page - Microchip Technology 48GA002 Datasheet HTML 243Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 239
PIC24FJ64GA004 FAMILY
TABLE 27-8:
DC CHARACTERISTICS: I/O PIN OUTPUT SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
VOL
Output Low Voltage
DO10
All I/O pins
—
—
0.4
V
IOL = 8.5 mA, VDD = 3.6V
——
0.4
V
IOL = 5.0 mA, VDD = 2.0V
DO16
All I/O pins
—
—
0.4
V
IOL = 8.0 mA, VDD = 3.6V, 125°C
——
0.4
V
IOL = 4.5 mA, VDD = 2.0V, 125°C
VOH
Output High Voltage
DO20
All I/O pins
3
—
—
V
IOH = -3.0 mA, VDD = 3.6V
1.65
—
—
V
IOH = -1.0 mA, VDD = 2.0V
DO26
All I/O pins
3
—
—
V
IOH = -2.5 mA, VDD = 3.6V, 125°C
1.65
—
—
V
IOH = -0.5 mA, VDD = 2.0V, 125°C
Note 1:
Data in “Typ” column is at 25°C unless otherwise stated. Parameters are for design guidance only and are not
tested.
TABLE 27-9:
DC CHARACTERISTICS: PROGRAM MEMORY
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic
Min
Typ(1)
Max
Units
Conditions
Program Flash Memory
D130
EP
Cell Endurance
10000
—
—
E/W
-40
C to +125C
D131
VPR
VDD for Read
VMIN
—3.6
V
VMIN = Minimum operating voltage
D132B
VPEW
VDDCORE for Self-Timed
Write
2.25
—
2.75
V
D133A
TIW
Self-Timed Write Cycle
Time
—3
—
ms
D134
TRETD Characteristic Retention
20
—
—
Year
Provided no other specifications are
violated
D135
IDDP
Supply Current during
Programming
—7
—
mA
Note 1:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com