Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 243 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 243 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 239Page - Microchip Technology 48GA002 Datasheet HTML 240Page - Microchip Technology 48GA002 Datasheet HTML 241Page - Microchip Technology 48GA002 Datasheet HTML 242Page - Microchip Technology 48GA002 Datasheet HTML 243Page - Microchip Technology 48GA002 Datasheet HTML 244Page - Microchip Technology 48GA002 Datasheet HTML 245Page - Microchip Technology 48GA002 Datasheet HTML 246Page - Microchip Technology 48GA002 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 268 page
background image
 2010 Microchip Technology Inc.
DS39881D-page 243
PIC24FJ64GA004 FAMILY
TABLE 27-14: PLL CLOCK TIMING SPECIFICATIONS (VDD = 2.0V TO 3.6V)
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Sym
Characteristic(1)
Min
Typ(2)
Max
Units
Conditions
OS50
FPLLI
PLL Input Frequency
Range
3
3
—
—
8
6
MHz
MHz
ECPLL, HSPLL, XTPLL
modes, -40°C
 TA  +85°C
ECPLL, HSPLL, XTPLL
modes, -40°C
 TA  +125°C
OS51
FSYS
PLL Output Frequency
Range
8
8
—
—
32
24
MHz
MHz
-40°C
 TA  +85°C
-40°C
 TA  +125°C
OS52
TLOCK PLL Start-up Time
(Lock Time)
——
2
ms
OS53
DCLK
CLKO Stability (Jitter)
-2
1
2
%
Measured over 100 ms period
Note 1:
These parameters are characterized but not tested in manufacturing.
2:
Data in “Typ” column is at 3.3V, 25°C unless otherwise stated. Parameters are for design guidance only
and are not tested.
TABLE 27-15: AC CHARACTERISTICS: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
Internal FRC Accuracy @ 8 MHz(1)
F20
FRC
-2
—
2
%
25°C
3.0V
 VDD  3.6V
-5
—
5
%
-40°C
 TA +125°C
Note 1:
Frequency calibrated at 25°C and 3.3V. OSCTUN bits can be used to compensate for temperature drift.
TABLE 27-16: INTERNAL RC ACCURACY
AC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Param
No.
Characteristic
Min
Typ
Max
Units
Conditions
LPRC @ 31 kHz(1)
F21
-15
—
15
%
25°C
3.0V
 VDD  3.6V
-15
—
15
%
-40°C
 TA +85°C
-20
—
20
%
125°C
Note 1:
Change of LPRC frequency as VDD changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com