Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 102 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 102 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 98Page - Microchip Technology 48GA002 Datasheet HTML 99Page - Microchip Technology 48GA002 Datasheet HTML 100Page - Microchip Technology 48GA002 Datasheet HTML 101Page - Microchip Technology 48GA002 Datasheet HTML 102Page - Microchip Technology 48GA002 Datasheet HTML 103Page - Microchip Technology 48GA002 Datasheet HTML 104Page - Microchip Technology 48GA002 Datasheet HTML 105Page - Microchip Technology 48GA002 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 102
 2010 Microchip Technology Inc.
8.4.3
SECONDARY OSCILLATOR
LOW-POWER OPERATION
The Secondary Oscillator (SOSC) can operate in two
distinct levels of power consumption based on device
configuration. In Low-Power mode, the oscillator
operates in a low-gain, low-power state. By default, the
oscillator uses a higher gain setting, and therefore,
requires more power. The Secondary Oscillator Mode
Selection
bits,
SOSCSEL<1:0>
(CW2<12:11>),
determine the oscillator’s power mode.
When Low-Power mode is used, care must be taken in
the design and layout of the SOSC circuit to ensure that
the oscillator will start up and oscillate properly. The
lower gain of this mode makes the SOSC more
sensitive to noise and requires a longer start-up time.
8.4.4
OSCILLATOR LAYOUT
On low pin count devices, such as those in the
PIC24FJ64GA004 family, due to pinout limitations, the
SOSC is more susceptible to noise than other PIC24F
devices. Unless proper care is taken in the design and
layout of the SOSC circuit, it is possible for
inaccuracies to be introduced into the oscillator's
period.
In general, the crystal circuit connections should be as
short as possible. It is also good practice to surround
the crystal circuit with a ground loop or ground plane.
For more detailed information on crystal circuit design,
please refer to the “PIC24F Family Reference Manual”,
Section 6. “Oscillator”
(DS39700) and Microchip
Application Notes: AN826, “Crystal Oscillator Basics
and Crystal Selection for rfPIC® and PICmicro®
Devices” (
DS00826) and AN849, “Basic PICmicro®
Oscillator Design”
(DS00849).
Note:
This feature is implemented only on
PIC24FJ64GA004 family devices with a
major silicon revision level of B or later
(DEVREV register value is 3042h or
greater).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com