Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 106 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 106 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 102Page - Microchip Technology 48GA002 Datasheet HTML 103Page - Microchip Technology 48GA002 Datasheet HTML 104Page - Microchip Technology 48GA002 Datasheet HTML 105Page - Microchip Technology 48GA002 Datasheet HTML 106Page - Microchip Technology 48GA002 Datasheet HTML 107Page - Microchip Technology 48GA002 Datasheet HTML 108Page - Microchip Technology 48GA002 Datasheet HTML 109Page - Microchip Technology 48GA002 Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 106
 2010 Microchip Technology Inc.
10.1.1
OPEN-DRAIN CONFIGURATION
In addition to the PORT, LAT and TRIS registers for
data control, each port pin can also be individually con-
figured for either digital or open-drain output. This is
controlled by the Open-Drain Control register, ODCx,
associated with each port. Setting any of the bits con-
figures the corresponding pin to act as an open-drain
output.
The open-drain feature allows the generation of
outputs higher than VDD (e.g., 5V) on any desired
digital only pins by using external pull-up resistors. The
maximum open-drain voltage allowed is the same as
the maximum VIH specification.
10.2
Configuring Analog Port Pins
The use of the AD1PCFG and TRIS registers control
the operation of the A/D port pins. The port pins that are
desired as analog inputs must have their correspond-
ing TRIS bit set (input). If the TRIS bit is cleared
(output), the digital output level (VOH or VOL) will be
converted.
When reading the PORT register, all pins configured as
analog input channels will read as cleared (a low level).
Pins configured as digital inputs will not convert an
analog input. Analog levels on any pin that is defined as
a digital input (including the ANx pins) may cause the
input buffer to consume current that exceeds the
device specifications.
10.2.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically, this instruction
would be a NOP.
10.2.2
ANALOG INPUT PINS AND
VOLTAGE CONSIDERATIONS
The voltage tolerance of pins used as device inputs is
dependent on the pin’s input function. Pins that are used
as digital only inputs are able to handle DC voltages up
to 5.5V, a level typical for digital logic circuits. In contrast,
pins that also have analog input functions of any kind
can only tolerate voltages up to VDD. Voltage excursions
beyond VDD on these pins are always to be avoided.
Table 10-1 summarizes the input capabilities. Refer to
Section 27.1 “DC Characteristics”
for more details.
TABLE 10-1:
INPUT VOLTAGE LEVELS
10.3
Input Change Notification
The input change notification function of the I/O ports
allows the PIC24FJ64GA004 family of devices to gen-
erate interrupt requests to the processor in response to
a change of state on selected input pins. This feature is
capable of detecting input change of states even in
Sleep mode, when the clocks are disabled. Depending
on the device pin count, there are up to 22 external sig-
nals that may be selected (enabled) for generating an
interrupt request on a change of state.
There are four control registers associated with the CN
module. The CNEN1 and CNEN2 registers contain the
interrupt enable control bits for each of the CN input
pins. Setting any of these bits enables a CN interrupt
for the corresponding pins.
Each CN pin also has a weak pull-up connected to it.
The pull-ups act as a current source that is connected
to the pin, and eliminate the need for external resistors
when push button or keypad devices are connected.
The pull-ups are enabled separately using the CNPU1
and CNPU2 registers, which contain the control bits for
each of the CN pins. Setting any of the control bits
enables the weak pull-ups for the corresponding pins.
When the internal pull-up is selected, the pin pulls up to
VDD – 0.7V (typical). Make sure that there is no external
pull-up source when the internal pull-ups are enabled,
as the voltage difference can cause a current path.
EXAMPLE 10-1:
PORT WRITE/READ EXAMPLE
Port or Pin
Tolerated
Input
Description
PORTA<4:0>
VDD
Only VDD input levels
tolerated.
PORTB<15:12>
PORTB<4:0>
PORTC<2:0>(1)
PORTA<10:7>(1)
5.5V
Tolerates input levels
above VDD, useful for
most standard logic.
PORTB<11:5>
PORTC<9:3>(1)
Note 1:
Unavailable on 28-pin devices.
Note:
Pull-ups on change notification pins
should always be disabled whenever the
port pin is configured as a digital output.
MOV
0xFF00, W0
; Configure PORTB<15:8> as inputs
MOV
W0, TRISBB
; and PORTB<7:0> as outputs
NOP
; Delay 1 cycle
BTSS
PORTB, #13
; Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com