Electronic Components Datasheet Search
  English  ▼

X  

48GA002 Datasheet(PDF) 108 Page - Microchip Technology

Part # 48GA002
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48GA002 Datasheet(HTML) 108 Page - Microchip Technology

Back Button 48GA002 Datasheet HTML 104Page - Microchip Technology 48GA002 Datasheet HTML 105Page - Microchip Technology 48GA002 Datasheet HTML 106Page - Microchip Technology 48GA002 Datasheet HTML 107Page - Microchip Technology 48GA002 Datasheet HTML 108Page - Microchip Technology 48GA002 Datasheet HTML 109Page - Microchip Technology 48GA002 Datasheet HTML 110Page - Microchip Technology 48GA002 Datasheet HTML 111Page - Microchip Technology 48GA002 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 268 page
background image
PIC24FJ64GA004 FAMILY
DS39881D-page 108
 2010 Microchip Technology Inc.
TABLE 10-2:
SELECTABLE INPUT SOURCES (MAPS INPUT TO FUNCTION)(1)
10.4.3.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains two
5-bit fields; each field being associated with one RPn
pin (see Register 10-15 through Register 10-27). The
value of the bit field corresponds to one of the periph-
erals and that peripheral’s output is mapped to the pin
(see Table 10-3).
Because of the mapping technique, the list of peripher-
als for output mapping also includes a null value of
‘00000’. This permits any given pin to remain discon-
nected from the output of any of the pin selectable
peripherals.
Input Name
Function Name
Register
Configuration
Bits
External Interrupt 1
INT1
RPINR0
INTR1<4:0>
External Interrupt 2
INT2
RPINR1
INTR2R<4:0>
Timer2 External Clock
T2CK
RPINR3
T2CKR<4:0>
Timer3 External Clock
T3CK
RPINR3
T3CKR<4:0>
Timer4 External Clock
T4CK
RPINR4
T4CKR<4:0>
Timer5 External Clock
T5CK
RPINR4
T5CKR<4:0>
Input Capture 1
IC1
RPINR7
IC1R<4:0>
Input Capture 2
IC2
RPINR7
IC2R<4:0>
Input Capture 3
IC3
RPINR8
IC3R<4:0>
Input Capture 4
IC4
RPINR8
IC4R<4:0>
Input Capture 5
IC5
RPINR9
IC5R<4:0>
Output Compare Fault A
OCFA
RPINR11
OCFAR<4:0>
Output Compare Fault B
OCFB
RPINR11
OCFBR<4:0>
UART1 Receive
U1RX
RPINR18
U1RXR<4:0>
UART1 Clear To Send
U1CTS
RPINR18
U1CTSR<4:0>
UART2 Receive
U2RX
RPINR19
U2RXR<4:0>
UART2 Clear To Send
U2CTS
RPINR19
U2CTSR<4:0>
SPI1 Data Input
SDI1
RPINR20
SDI1R<4:0>
SPI1 Clock Input
SCK1IN
RPINR20
SCK1R<4:0>
SPI1 Slave Select Input
SS1IN
RPINR21
SS1R<4:0>
SPI2 Data Input
SDI2
RPINR22
SDI2R<4:0>
SPI2 Clock Input
SCK2IN
RPINR22
SCK2R<4:0>
SPI2 Slave Select Input
SS2IN
RPINR23
SS2R<4:0>
Note 1:
Unless otherwise noted, all inputs use the Schmitt Trigger input buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com