Electronic Components Datasheet Search
  English  ▼

X  

LM3488 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3488
Description  High Efficiency Low-Side N-Channel Controller for Switching Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3488 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3488 Datasheet HTML 18Page - Texas Instruments LM3488 Datasheet HTML 19Page - Texas Instruments LM3488 Datasheet HTML 20Page - Texas Instruments LM3488 Datasheet HTML 21Page - Texas Instruments LM3488 Datasheet HTML 22Page - Texas Instruments LM3488 Datasheet HTML 23Page - Texas Instruments LM3488 Datasheet HTML 24Page - Texas Instruments LM3488 Datasheet HTML 25Page - Texas Instruments LM3488 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
VIN
VIN
RIN
CIN
CBYPASS
LM3488
LM3488
LM3488-Q1
SNVS089M – JULY 2000 – REVISED MARCH 2013
www.ti.com
Figure 35. Reducing IC Input Noise
OUTPUT CAPACITOR SELECTION
The output capacitor in a boost converter provides all the output current when the inductor is charging. As a
result it sees very large ripple currents. The output capacitor should be capable of handling the maximum rms
current. The rms current in the output capacitor is:
(31)
Where
(32)
and D, the duty cycle is equal to (VOUT − VIN)/VOUT.
The ESR and ESL of the output capacitor directly control the output ripple. Use capacitors with low ESR and ESL
at the output for high efficiency and low ripple voltage. Surface Mount tantalums, surface mount polymer
electrolytic and polymer tantalum, Sanyo- OSCON, or multi-layer ceramic capacitors are recommended at the
output.
DESIGNING SEPIC USING LM3488
Since the LM3488 controls a low-side N-Channel MOSFET, it can also be used in SEPIC (Single Ended Primary
Inductance Converter) applications. An example of SEPIC using LM3488 is shown in Figure 36. As shown in
Figure 36, the output voltage can be higher or lower than the input voltage. The SEPIC uses two inductors to
step-up or step-down the input voltage. The inductors L1 and L2 can be two discrete inductors or two windings of
a coupled transformer since equal voltages are applied across the inductor throughout the switching cycle. Using
two discrete inductors allows use of catalog magnetics, as opposed to a custom transformer. The input ripple can
be reduced along with size by using the coupled windings of transformer for L1 and L2.
Due to the presence of the inductor L1 at the input, the SEPIC inherits all the benefits of a boost converter. One
main advantage of SEPIC over boost converter is the inherent input to output isolation. The capacitor CS isolates
the input from the output and provides protection against shorted or malfunctioning load. Hence, the A SEPIC is
useful for replacing boost circuits when true shutdown is required. This means that the output voltage falls to 0V
when the switch is turned off. In a boost converter, the output can only fall to the input voltage minus a diode
drop.
The duty cycle of a SEPIC is given by:
(33)
In the above equation, VQ is the on-state voltage of the MOSFET, Q, and VDIODE is the forward voltage drop of
the diode.
22
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3488 LM3488-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com