Electronic Components Datasheet Search
  English  ▼

X  

LM2991S Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2991S
Description  LM2991 Negative Low Dropout Adjustable Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2991S Datasheet(HTML) 2 Page - Texas Instruments

  LM2991S Datasheet HTML 1Page - Texas Instruments LM2991S Datasheet HTML 2Page - Texas Instruments LM2991S Datasheet HTML 3Page - Texas Instruments LM2991S Datasheet HTML 4Page - Texas Instruments LM2991S Datasheet HTML 5Page - Texas Instruments LM2991S Datasheet HTML 6Page - Texas Instruments LM2991S Datasheet HTML 7Page - Texas Instruments LM2991S Datasheet HTML 8Page - Texas Instruments LM2991S Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM2991
SNVS099H – MAY 1999 – REVISED JUNE 2013
www.ti.com
Connection Diagrams
Front View
Top View
Figure 1. TO-220 Package, 5-Lead
Figure 2. DDPAK, TO-263 Package, 5-Lead,
Surface-Mount
See Package Number KC and NDH
See Package Number KTT
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Input Voltage
−26V to +0.3V
ESD Susceptibility(3)
2 kV
Power Dissipation(4)
Internally limited
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
230°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
The maximum allowable power dissipation is a function of the maximum operating junction temperature (TJ(MAX)), the thermal resistance
of the package (
θJA), and the ambient temperature (TA). The maximum allowable power dissipation is: PD = (TJ(MAX) − TA)/θJA, where
TJ(MAX) is 125°C, and TA is the maximum expected ambient temperature. If this dissipation is exceeded, the die temperature will rise
above 125°C. Excessive power dissipation will cause the LM2991 to go into thermal shutdown (See Thermal Shutdown). For the
LM2991, the junction-to-ambient thermal resistance is 53°C/W for the TO-220, 73°C/W for the DDPAK/TO-263, and junction-to-case
thermal resistance is 3°C/W. If the DDPAK/TO-263 package is used, the thermal resistance can be reduced by increasing the PC board
copper area thermally connected to the package. Using 0.5 square inches of copper area,
θJA is 50°C/W; with 1 square inch of copper
area,
θJA is 37°C/W; and with 1.6 or more square inches of copper area, θJA is 32°C/W.
OPERATING RATINGS
(1)
Junction Temperature Range (TJ)
−40°C to +125°C
ON/OFF Pin
0V to +5V
Maximum Input Voltage (Operational)
−26V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2991



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com