Electronic Components Datasheet Search
  English  ▼

X  

LM3402HVMM Datasheet(PDF) 16 Page - Texas Instruments

Part # LM3402HVMM
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3402HVMM Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3402HVMM Datasheet HTML 12Page - Texas Instruments LM3402HVMM Datasheet HTML 13Page - Texas Instruments LM3402HVMM Datasheet HTML 14Page - Texas Instruments LM3402HVMM Datasheet HTML 15Page - Texas Instruments LM3402HVMM Datasheet HTML 16Page - Texas Instruments LM3402HVMM Datasheet HTML 17Page - Texas Instruments LM3402HVMM Datasheet HTML 18Page - Texas Instruments LM3402HVMM Datasheet HTML 19Page - Texas Instruments LM3402HVMM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
IIN(rms) = IF x D(1 - D)
CIN(MIN) =
'VIN(MAX)
IF x tON
'
iF =
ZC = ESR +
'
iL
rD
1 +
ZC
1
2S x fSW x CO
'iL
ESR
rD
RSNS
'iC
'iF
'iL
CO
LM3402, LM3402HV
SNVS450E – SEPTEMBER 2006 – REVISED MAY 2013
www.ti.com
Figure 22. LED and CO Ripple Current
To calculate the respective ripple currents the LED array is represented as a dynamic resistance, rD. LED
dynamic resistance is not always specified on the manufacturer’s datasheet, but it can be calculated as the
inverse slope of the LED’s VF vs. IF curve. Note that dividing VF by IF will give an incorrect value that is 5x to 10x
too high. Total dynamic resistance for a string of n LEDs connected in series can be calculated as the rD of one
device multiplied by n. Inductor ripple current is still calculated with the expression from Buck Regulators without
Output Capacitors. The following equations can then be used to estimate
ΔiF when using a parallel capacitor:
(12)
The calculation for ZC assumes that the shape of the inductor ripple current is approximately sinusoidal.
Small values of CO that do not significantly reduce ΔiF can also be used to control EMI generated by the
switching action of the LM3402/02HV. EMI reduction becomes more important as the length of the connections
between the LED and the rest of the circuit increase.
INPUT CAPACITORS
Input capacitors at the VIN pin of the LM3402/02HV are selected using requirements for minimum capacitance
and rms ripple current. The input capacitors supply pulses of current approximately equal to IF while the power
MOSFET is on, and are charged up by the input voltage while the power MOSFET is off. Switching converters
such as the LM3402/02HV have a negative input impedance due to the decrease in input current as input
voltage increases. This inverse proportionality of input current to input voltage can cause oscillations (sometimes
called ‘power supply interaction’) if the magnitude of the negative input impedance is greater the the input filter
impedance. Minimum capacitance can be selected by comparing the input impedance to the converter’s negative
resistance; however this requires accurate calculation of the input voltage source inductance and resistance,
quantities which can be difficult to determine. An alternative method to select the minimum input capacitance,
CIN(MIN), is to select the maximum voltage ripple which can be tolerated. This value,ΔvIN(MAX), is equal to the
change in voltage across CIN during the converter on-time, when CIN supplies the load current. CIN(MIN) can be
selected with the following:
(13)
A good starting point for selection of CIN is to use an input voltage ripple of 5% to 10% of VIN. A minimum input
capacitance of 2x the CIN(MIN) value is recommended for all LM3402/02HV circuits. To determine the rms current
rating, the following formula can be used:
(14)
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3402 LM3402HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com