Electronic Components Datasheet Search
  English  ▼

X  

PIC16C620 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16C620
Description  EPROM-Based 8-Bit CMOS Microcontrollers
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C620 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16C620 Datasheet HTML 87Page - Microchip Technology PIC16C620 Datasheet HTML 88Page - Microchip Technology PIC16C620 Datasheet HTML 89Page - Microchip Technology PIC16C620 Datasheet HTML 90Page - Microchip Technology PIC16C620 Datasheet HTML 91Page - Microchip Technology PIC16C620 Datasheet HTML 92Page - Microchip Technology PIC16C620 Datasheet HTML 93Page - Microchip Technology PIC16C620 Datasheet HTML 94Page - Microchip Technology PIC16C620 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 128 page
background image
 2003 Microchip Technology Inc.
DS30235J-page 89
PIC16C62X
12.1
DC Characteristics: PIC16C62X-04 (Commercial, Industrial, Extended)
PIC16C62X-20 (Commercial, Industrial, Extended)
PIC16LC62X-04 (Commercial, Industrial, Extended) (CONT.)
PIC16C62X
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40
°C ≤ TA ≤ +85°C for industrial and
0
°C ≤ TA ≤ +70°C for commercial and
-40
°C ≤ TA ≤ +125°C for extended
PIC16LC62X
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40
°C ≤ TA ≤ +85°C for industrial and
0
°C ≤ TA ≤ +70°C for commercial and
-40
°C ≤ TA ≤ +125°C for extended
Operating voltage V
DD range is the PIC16C62X range.
Param
. No.
Sym
Characteristic
Min
Typ† Max
Units
Conditions
D022
D022A
D023
D023A
∆IWDT
∆IBOR
∆ICOM
P
∆IVREF
WDT Current(5)
Brown-out Reset Current(5)
Comparator Current for each
Comparator(5)
V
REF Current(5)
—
—
—
—
6.0
350
—
—
20
25
425
100
300
µA
µA
µA
µA
µA
V
DD=4.0V
(125
°C)
BOD enabled, V
DD = 5.0V
V
DD = 4.0V
V
DD = 4.0V
D022
D022A
D023
D023A
∆IWDT
∆IBOR
∆ICOM
P
∆IVREF
WDT Current(5)
Brown-out Reset Current(5)
Comparator Current for each
Comparator(5)
V
REF Current(5)
—
—
—
—
6.0
350
—
—
15
425
100
300
µA
µA
µA
µA
V
DD=3.0V
BOD enabled, V
DD = 5.0V
V
DD = 3.0V
V
DD = 3.0V
1A
F
OSC
LP Oscillator Operating Frequency
RC Oscillator Operating Frequency
XT Oscillator Operating Frequency
HS Oscillator Operating Frequency
0
0
0
0
—
—
—
—
200
4
4
20
kHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
1A
F
OSC
LP Oscillator Operating Frequency
RC Oscillator Operating Frequency
XT Oscillator Operating Frequency
HS Oscillator Operating Frequency
0
0
0
0
—
—
—
—
200
4
4
20
kHz
MHz
MHz
MHz
All temperatures
All temperatures
All temperatures
All temperatures
*
These parameters are characterized but not tested.
†
Data in "Typ" column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: This is the limit to which V
DD can be lowered without losing RAM data.
2: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current
consumption.
The test conditions for all I
DD measurements in Active Operation mode are:
OSC1 = external square wave, from rail to rail; all I/O pins tri-stated, pulled to V
DD,
MCLR = V
DD; WDT enabled/disabled as specified.
3: The power-down current in SLEEP mode does not depend on the oscillator type. Power-down current is measured with
the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to V
DD or VSS.
4: For RC osc configuration, current through R
EXT is not included. The current through the resistor can be estimated by the
formula: Ir = V
DD/2REXT (mA) with REXT in k
Ω.
5: The
∆ current is the additional current consumed when this peripheral is enabled. This current should be added to the
base I
DD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com